Electronic Components Datasheet Search
  English  ▼

X  

MJ11014 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MJ11014
Description  30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ11014 Datasheet(HTML) 2 Page - Motorola, Inc

  MJ11014 Datasheet HTML 1Page - Motorola, Inc MJ11014 Datasheet HTML 2Page - Motorola, Inc MJ11014 Datasheet HTML 3Page - Motorola, Inc MJ11014 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ11013 MJ11015 MJ11012 MJ11014 MJ11016
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted.)
Characteristics
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(1)
(IC = 100 mAdc, IB = 0)
MJ11012
MJ11013, MJ11014
MJ11015, MJ11016
V(BR)CEO
60
90
120
—
—
—
Vdc
Collector–Emitter Leakage Current
(VCE = 60 Vdc, RBE = 1k ohm)
MJ11012
(VCE = 90 Vdc, RBE = 1k ohm)
MJ11013, MJ11014
(VCE = 120 Vdc, RBE = 1k ohm)
MJ11015, MJ11016
(VCE = 60 Vdc, RBE = 1k ohm, TC = 150_C)
MJ11012
(VCE = 90 Vdc, RBE = 1k ohm, TC = 150_C)
MJ11013, MJ11014
(VCE = 120 Vdc, RBE = 1k ohm, TC = 150_C)
MJ11015, MJ11016
ICER
—
—
—
—
—
—
1
1
1
5
5
5
mAdc
Emitter Cutoff Current
(VBE = 5 Vdc, IC = 0)
IEBO
—
5
mAdc
Collector–Emitter Leakage Current
(VCE = 50 Vdc, IB = 0)
ICEO
—
1
mAdc
ON CHARACTERISTICS(1)
DC Current Gain
(IC = 20 Adc,VCE = 5 Vdc)
(IC = 30 Adc, VCE = 5 Vdc)
hFE
1000
200
—
—
—
Collector–Emitter Saturation Voltage
(IC = 20 Adc, IB = 200 mAdc)
(IC = 30 Adc, IB = 300 mAdc)
VCE(sat)
—
—
3
4
Vdc
Base–Emitter Saturation Voltage
(IC = 20 A, IB = 200 mAdc)
(IC = 30 A, IB = 300 mAdc)
VBE(sat)
—
—
3.5
5
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain Bandwidth Product
(IC = 10 A, VCE = 3 Vdc, f = 1 MHz)
hfe
4
—
MHz
(1) Pulse Test: Pulse Width
= 300 µs, Duty Cycle v 2.0%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com