Electronic Components Datasheet Search
  English  ▼

X  

AD1885JST Datasheet(PDF) 20 Page - Analog Devices

Part # AD1885JST
Description  AC??7 SoundMAX Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1885JST Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1885JST Datasheet HTML 16Page - Analog Devices AD1885JST Datasheet HTML 17Page - Analog Devices AD1885JST Datasheet HTML 18Page - Analog Devices AD1885JST Datasheet HTML 19Page - Analog Devices AD1885JST Datasheet HTML 20Page - Analog Devices AD1885JST Datasheet HTML 21Page - Analog Devices AD1885JST Datasheet HTML 22Page - Analog Devices AD1885JST Datasheet HTML 23Page - Analog Devices AD1885JST Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
AD1885
–20–
REV. 0
JS0_OE
Enables JS0 pin as a general-purpose output.
JS1_OE
Enables JS1 pin as a general-purpose output.
JS0PUDIS
Setting the JS0PUDIS bit disables the JS0 pin internal pull-up.
JS1PUDIS
Setting the JS1PUDIS bit disables the JS1 pin internal pull-up.
JS0_OUT
When enabled as GPO, the JS0 pin reflects the state of the JS0_OUT bit.
JS1_OUT/FUNCT When enabled as GPO, the JS1 pin reflects the state of the JS1_OUT bit, otherwise this bit can be set to change
the functionality of JS1 so that only LINE_OUT is muted when JS1 is high.
Serial Configuration (Index 74h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
4
7h
4
7 h
4
7 h
4
7h
4
7
l
a
i
r
e
Sl
a
i
r
e
S
l
a
i
r
e
S
l
a
i
r
e
Sl
a
i
r
e
S
n
o
i
t
a
r
u
g
i
f
n
o
Cn
o
i
t
a
r
u
g
i
f
n
o
C
n
o
i
t
a
r
u
g
i
f
n
o
C
n
o
i
t
a
r
u
g
i
f
n
o
Cn
o
i
t
a
r
u
g
i
f
n
o
C
T
O
L
ST
O
L
S
T
O
L
S
T
O
L
ST
O
L
S
6
16
16
16
16
1
2
M
G
E
R2
M
G
E
R
2
M
G
E
R
2
M
G
E
R2
M
G
E
R1
M
G
E
R1
M
G
E
R
1
M
G
E
R
1
M
G
E
R1
M
G
E
R0
M
G
E
R0
M
G
E
R
0
M
G
E
R
0
M
G
E
R0
M
G
E
RX
X
X
X
XX
X
X
X
XR
W
H
DR
W
H
D
R
W
H
D
R
W
H
DR
W
H
DX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
X
Note: this register is not reset when the reset register (register 00h) is written.
DHWR
Disable Hardware Reset.
REGM0
Master Codec register mask.
REGM1
Slave 1 Codec register mask.
REGM2
Slave 2 Codec register mask.
SLOT16
Enable 16-bit slots.
If your system uses only a single AD1885, you can ignore the register mask.
SLOT16 makes all AC-Link slots 16 bits in length, formatted into 16 slots.
Miscellaneous Control Bits (Index 76h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
6
7h
6
7 h
6
7 h
6
7h
6
7s
t
i
B
l
o
r
t
n
o
C
c
s
i
Ms
t
i
B
l
o
r
t
n
o
C
c
s
i
M
s
t
i
B
l
o
r
t
n
o
C
c
s
i
M
s
t
i
B
l
o
r
t
n
o
C
c
s
i
Ms
t
i
B
l
o
r
t
n
o
C
c
s
i
M
C
A
DC
A
D C
A
D C
A
DC
A
D
Z
Z
Z
Z
Z
I
M
P
LI
M
P
L
I
M
P
L
I
M
P
LI
M
P
L
X
X
X
X
X
X
X
X
X
XM
A
DM
A
D M
A
D M
A
DM
A
DS
M
DS
M
D
S
M
D
S
M
DS
M
DR
S
L
DR
S
L
D
R
S
L
D
R
S
L
DR
S
L
DX
X
X
X
XR
S
L
AR
S
L
A
R
S
L
A
R
S
L
AR
S
L
A
D
O
MD
O
M D
O
M D
O
MD
O
M
N
EN
EN
EN
EN
E
0
1
X
R
S0
1
X
R
S
0
1
X
R
S
0
1
X
R
S0
1
X
R
S
7
D7
D7
D7
D7
D
8
X
R
S8
X
R
S
8
X
R
S
8
X
R
S8
X
R
S
7
D7
D7
D7
D7
D
X
X
X
X
XX
X
X
X
XR
S
R
DR
S
R
D
R
S
R
D
R
S
R
DR
S
R
DX
X
X
X
XR
S
R
AR
S
R
A
R
S
R
A
R
S
R
AR
S
R
Ah
0
0
0
0h
0
0
0
0
h
0
0
0
0
h
0
0
0
0h
0
0
0
0
ARSR
ADC right sample generator select
0 = SR0 Selected (32h)
1 = SR1 Selected (2Ch).
DRSR
DAC right sample generator select
0 = SR0 Selected (32h)
1 = SR1 Selected (2Ch).
SRX8D7
Multiply SR1 rate by 8/7.
SRX10D7
Multiply SR1 rate by 10/7. SRX10D7 and SRX8D7 are mutually exclusive.
MODEN
Modem filter enable (left channel only). Change only when DACs and ADCs are powered down.
ALSR
ADC left sample generator select
0 = SR0 Selected (32h)
1 = SR1 Selected (2Ch).
DLSR
DAC left sample generator select
0 = SR0 Selected (32h)
1 = SR1 Selected (2Ch).
DMS
Digital Mono Select.
0 = Mixer
1 = Left DAC and Right DAC.
DAM
Digital Audio Mode. DAC Outputs bypass analog mixer and sent directly to the codec output.
LPMIX
Low Power Mixer.
DACZ
Zero fill (vs. repeat) if DAC is starved for data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com