Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD5142DBZ Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-AD5142DBZ
Description  The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5142DBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-AD5142DBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5142DBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5142DBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5142DBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5142DBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5142DBZ Datasheet HTML 22Page - Analog Devices EVAL-AD5142DBZ Datasheet HTML 23Page - Analog Devices EVAL-AD5142DBZ Datasheet HTML 24Page - Analog Devices EVAL-AD5142DBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD5122/AD5142
Rev. 0 | Page 21 of 32
Daisy-Chain Connection
Daisy chaining minimizes the number of port pins required from
the controlling IC. As shown in Figure 39, the SDO pin of one
package must be tied to the SDI pin of the next package. The clock
period may need to be increased because of the propagation delay
of the line between subsequent devices. When two AD5122/
AD5142 devices are daisy chained, 32 bits of data are required.
The first 16 bits assigned to U2, and the second 16 bits assigned
to U1, as shown in Figure 40. Keep the SYNC pin low until all
32 bits are clocked into their respective serial registers.
The SYNC pin is then pulled high to complete the operation. A
typical connection is shown in Figure 39.
To prevent data from mislocking (for example, due to noise) the
part includes an internal counter, if the clock falling edges count
is not a multiple of 8, the part ignores the command. A valid
clock count is 16, 24, or 32. The counter resets when SYNC
returns high.
MOSI
SS
SCLK
MISO
MICROCONTROLLER
SDI
SDO
SCLK
SCLK
RP
2.2k
Ω
RP
2.2k
Ω
SDI
SDO
U1
U2
AD5122/
AD5142
AD5122/
AD5142
SYNC
SYNC
VLOGIC
VLOGIC
Figure 39. Daisy-Chain Configuration
DB15
SCLK
SYNC
MOSI
1
2
16
DB0
DB15
SDO_U1
32
DB15
DB0
DB15
DB0
17
18
DB0
INPUT WORD FOR U2
INPUT WORD FOR U1
INPUT WORD FOR U2
UNDEFINED
Figure 40. Daisy-Chain Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com