Electronic Components Datasheet Search
  English  ▼

X  

CBTL04083A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBTL04083A
Description  CBTL04083A/B is a 4 differential channel, 2-to-1 multiplexer/demultiplexer switch for PCI Express Generation 3 (Gen3) applications.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL04083A Datasheet(HTML) 2 Page - NXP Semiconductors

  CBTL04083A Datasheet HTML 1Page - NXP Semiconductors CBTL04083A Datasheet HTML 2Page - NXP Semiconductors CBTL04083A Datasheet HTML 3Page - NXP Semiconductors CBTL04083A Datasheet HTML 4Page - NXP Semiconductors CBTL04083A Datasheet HTML 5Page - NXP Semiconductors CBTL04083A Datasheet HTML 6Page - NXP Semiconductors CBTL04083A Datasheet HTML 7Page - NXP Semiconductors CBTL04083A Datasheet HTML 8Page - NXP Semiconductors CBTL04083A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CBTL04083A_CBTL04083B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 25 June 2012
2 of 19
NXP Semiconductors
CBTL04083A; CBTL04083B
3.3 V, 4 differential channel, 2 : 1 MUX/deMUX switch for PCIe Gen3
3.
Applications
Routing of high-speed differential signals with low signal attenuation
PCIe Gen3
DisplayPort 1.2
USB 3.0
SATA 6 Gbit/s
4.
Ordering information
[1]
CBTL04083ABS is available in tape and reel formats with different tape widths — 16 mm and 24 mm:
For 16 mm tape width, order CBTL04083ABS 9352 941 24518 (“518” indicates 16 mm wide carrier tape).
For 24 mm tape width, order CBTL04083ABS 9352 941 24558 (“558” indicates 24 mm wide carrier tape).
[2]
CBTL04083BBS is available in tape and reel formats with different tape widths — 16 mm and 24 mm:
For 16 mm tape width, order CBTL04083BBS 9352 941 25518 (“518” indicates 16 mm wide carrier tape).
For 24 mm tape width, order CBTL04083BBS 9352 941 25558 (“558” indicates 24 mm wide carrier tape).
[3]
Total height after printed-circuit board mounting = 1.0 mm maximum.
Table 1.
Ordering information
Type number
Package
Name
Description
Version
CBTL04083ABS[1]
HVQFN42
plastic thermal enhanced very thin quad flat package; no leads;
42 terminals; body 3.5
× 9 × 0.85 mm[3]
SOT1144-1
CBTL04083BBS[2]
HVQFN42
plastic thermal enhanced very thin quad flat package; no leads;
42 terminals; body 3.5
× 9 × 0.85 mm[3]
SOT1144-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com