Electronic Components Datasheet Search
  English  ▼

X  

AD202K Datasheet(PDF) 12 Page - Analog Devices

Part # AD202K
Description  Low Cost, Miniature Isolation Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD202K Datasheet(HTML) 12 Page - Analog Devices

Back Button AD202K Datasheet HTML 4Page - Analog Devices AD202K Datasheet HTML 5Page - Analog Devices AD202K Datasheet HTML 6Page - Analog Devices AD202K Datasheet HTML 7Page - Analog Devices AD202K Datasheet HTML 8Page - Analog Devices AD202K Datasheet HTML 9Page - Analog Devices AD202K Datasheet HTML 10Page - Analog Devices AD202K Datasheet HTML 11Page - Analog Devices AD202K Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
REV. B
–12–
AD202/AD204
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
AD202/AD204 SIP Package
0.15
(3.81)
TYP
1
3
5
2
6
31 33
37
38
32
4
0.05 (1.3)TYP
1.30 (33.0)
0.010 x 0.020
(0.25 x 0.51)
0.20
(5.1)
0.143
(3.63)
0.625
(15.9)
MAX
0.12
(3.05)
0.10 (2.5)
TYP
0.250 (6.3) TYP
0.260 (6.6) MAX
2.08 (52.8) MAX
FRONT VIEW
BOTTOM VIEW
CL
AD202/AD204
SIDE
VIEW
NOTE: PIN 31 IS PRESENT ONLY ON AD202
PIN 33 IS PRESENT ONLY ON AD204
AC1508 Mating Socket
0.10 (2.5) DIA
BOTH ENDS
0.300 (7.62)
MAX
0.24
(6.1)
2.65 (67.3)
2.50 (63.5)
0.10 (2.5) TYP
0.075 (1.9)
TYP
AC1058 CAN BE USED AS A SOCKET
FOR AD202,AD204 AND AD246
NOTE: AMP ZP SOCKET (PIN 2 – 382006 – 3)
MAY BE USED IN PLACE OF THE AC1058
AD246JY Package
BOTTOM VIEW
1
2
0.10 (2.5)
NOM
0.330
0.05 (1.3) NOM
0.10
(2.5)
MIN
0.995 (25.3) MAX
AD246JY
FRONT VIEW
13
12
CL
0.10
(2.5.)
TYP
0.55
(14.0)
0.197 (5.0)
(8.4)
MAX
0.625
(15.9)
MAX
0.115
(2.9)
0.010/ 0.015
(0.25/ 0.38)
SIDE
VIEW
0.115 (2.9)
0.010/ 0.015
(0.25/ 0.38)
AD202/AD204 DIP Package
1.60 (40.6)
BOTTOM
VIEW
38 37 36
12 3
22 21 20
18 19
0.700
(17.8)
MAX
0.015 (0.38)
0.350
(8.9)
MAX
0.018 (0.46)
SQUARE
0.10
(2.5)
MIN
2.100 (53.3) MAX
NOTE: PIN 20 IS PRESENT ONLY ON AD202
PIN 21 IS PRESENT ONLY ON AD204
AC1060 Mating Socket
0.700
(17.8)
0.125 (3.1)
TYP
0.300 (7.62)
MAX
2.350 (59.7)
2.600 (66)
0.500
(12.7)
0.10 (2.5) DIA
BOTH ENDS
AD246JN Package
FRONT VIEW
AD246JN
1.445 (36.7) MAX
0.100
(2.5)
MIN
0.015/ 0.020
(0.38/ 0.51)
0.35 (8.9)
MAX
0.010/ 0.020
(0.25/ 0.51)
0.145
(3.7)
1
12
14
24
BOTTOM VIEW
1.10 (27.9)
1.00 (25.4)
0. 50
(12.7)
0.70
(17.8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com