Electronic Components Datasheet Search
  English  ▼

X  

AD210 Datasheet(PDF) 6 Page - Analog Devices

Part # AD210
Description  Precision, Wide Bandwidth 3-Port Isolation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD210 Datasheet(HTML) 6 Page - Analog Devices

  AD210 Datasheet HTML 1Page - Analog Devices AD210 Datasheet HTML 2Page - Analog Devices AD210 Datasheet HTML 3Page - Analog Devices AD210 Datasheet HTML 4Page - Analog Devices AD210 Datasheet HTML 5Page - Analog Devices AD210 Datasheet HTML 6Page - Analog Devices AD210 Datasheet HTML 7Page - Analog Devices AD210 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD210
REV. A
–6–
Isolated Power:
The AD210 provides isolated power at the
input and output ports. This power is useful for various signal
conditioning tasks. Both ports are rated at a nominal
±15 V at
5 mA.
The load characteristics of the isolated power supplies are
shown in Figure 15. For example, when measuring the load
rejection of the input isolated supplies VISS, the load is placed
between +VISS and –VISS. The curves labeled VISS and VOSS are
the individual load rejection characteristics of the input and the
output supplies, respectively.
There is also some effect on either isolated supply when loading
the other supply. The curve labeled CROSSLOAD indicates the
sensitivity of either the input or output supplies as a function of
the load on the opposite supply.
30
20
510
0
25
CURRENT – mA
VOSS
VOSS
VISS
VISS
SIMULTANEOUS
SIMULTANEOUS
CROSSLOAD
30
Figure 15. Isolated Power Supplies vs. Load
Lastly, the curves labeled VOSS simultaneous and VISS simulta-
neous indicate the load characteristics of the isolated power sup-
plies when an equal load is placed on both supplies.
The AD210 provides short circuit protection for its isolated
power supplies. When either the input supplies or the output
supplies are shorted to input common or output common,
respectively, no damage will be incurred, even under continuous
application of the short. However, the AD210 may be damaged
if the input and output supplies are shorted simultaneously.
100
50
1
0
75
LOAD – mA
–VOSS
+VISS
30
25
0
+VOSS
–VISS
234567
Figure 16a. Isolated Supply Ripple vs. Load
(External 4.7
µF Bypass)
Under any circumstances, care should be taken to ensure that
the power supplies do not accidentally become shorted.
The isolated power supplies exhibit some ripple which varies as
a function of load. Figure 16a shows this relationship. The
AD210 has internal bypass capacitance to reduce the ripple to a
point where performance is not affected, even under full load.
Since the internal circuitry is more sensitive to noise on the
negative supplies, these supplies have been filtered more heavily.
Should a specific application require more bypassing on the iso-
lated power supplies, there is no problem with adding external
capacitors. Figure 16b depicts supply ripple as a function of
external bypass capacitance under full load.
1V
10mV
0.1µF
100mV
1mV
CAPACITANCE
1µF
10µF
100µF
(
)
+VISS
+VOSS
(
)
–VISS
–VOSS
Figure 16b. Isolated Power Supply Ripple vs. Bypass
Capacitance (Volts p-p, 1 MHz Bandwidth, 5 mA Load)
APPLICATIONS EXAMPLES
Noise Reduction in Data Acquisition Systems:
Transformer
coupled isolation amplifiers must have a carrier to pass both ac
and dc signals through their signal transformers. Therefore,
some carrier ripple is inevitably passed through to the isolator
output. As the bandwidth of the isolator is increased more of the
carrier signal will be present at the output. In most cases, the
ripple at the AD210’s output will be insignificant when com-
pared to the measured signal. However, in some applications,
particularly when a fast analog-to-digital converter is used fol-
lowing the isolator, it may be desirable to add filtering; other-
wise ripple may cause inaccurate measurements. Figure 17
shows a circuit that will limit the isolator’s bandwidth, thereby
reducing the carrier ripple.
VOUT
15
30
29
+VOSS
+VISS
–VISS
+15V
2
4
–VOSS
14
1
0.001µF
0.002µF
R (k
Ω) =
(
)
112.5
fC (kHz)
AD542
+VOSS
–VOSS
3
VSIG
19
18
AD210
R
R
16
17
Figure 17. 2-Pole, Output Filter
Self-Powered Current Source
The output circuit shown in Figure 18 can be used to create a
self-powered output current source using the AD210. The 2 k
Ω
resistor converts the voltage output of the AD210 to an equiva-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com