Electronic Components Datasheet Search
  English  ▼

X  

AD215 Datasheet(PDF) 3 Page - Analog Devices

Part # AD215
Description  120 kHz Bandwidth, Low Distortion, Isolation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD215 Datasheet(HTML) 3 Page - Analog Devices

  AD215 Datasheet HTML 1Page - Analog Devices AD215 Datasheet HTML 2Page - Analog Devices AD215 Datasheet HTML 3Page - Analog Devices AD215 Datasheet HTML 4Page - Analog Devices AD215 Datasheet HTML 5Page - Analog Devices AD215 Datasheet HTML 6Page - Analog Devices AD215 Datasheet HTML 7Page - Analog Devices AD215 Datasheet HTML 8Page - Analog Devices AD215 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD215
REV. 0
–3–
AD215AY/BY
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC RESPONSE (2 k
Ω Load) Cont.
Settling Time
to
±0.10%, ±10 V Output Swing
9
µs
Overshoot
1%
Harmonic Distortion Components
@ 1 kHz
–80
dB
@ 10 kHz
–65
dB
Overload Recovery Time
G = 1 V/V,
±15 V Drive
5
µs
Output Overload Recovery Time
G > 5
10
µs
RATED OUTPUT
Voltage
Out HI to Out LO
±10
V
Current
2 k
Ω Load
±5mA
Max Capacitive Load
500
pF
Output Resistance
1
Ω
Output Ripple and Noise
7
1 MHz Bandwidth
10
mV pk-pk
50 kHz Bandwidth
2.5
mV pk-pk
ISOLATED POWER OUTPUT
8
Voltage
No Load
±14.25 ±15
±17.25
V
vs. Temperature
0
°C to +85°C
+20
mV/
°C
–40
°C to 0°C
+25
mV/
°C
Current at Rated Supply Voltage2, 9
±10
mA
Regulation
No Load to Full Load
–90
mV/V
Line Regulation
290
mV/V
Ripple
1 MHz Bandwidth, No Load2
50
mV rms
POWER SUPPLY
Supply Voltage
Rated Performance
±14.5
±15
±16.5
V dc
Operating
10
±14.25
±17
V dc
Current
Operating (+15 V dc/–15 V dc Supplies)
+40/–18
mA
TEMPERATURE RANGE
Rated Performance
–40
+85
°C
Storage
–40
+85
°C
NOTES
11The gain range of the AD215 is specified from 1 to 10 V/V. The AD215 can also be used with gains of up to 100 V/V. With a gain of 100 V/V a 20% reduction in the
–3 dB bandwidth specification occurs and the nonlinearity degrades to
±0.02% typical.
12When the isolated supply load exceeds
±1 mA, external filter capacitors are required in order to ensure that the gain, offset, and nonlinearity specifications are pre-
served and to maintain the isolated supply full load ripple below the specified 50 mV rms. A value of 6.8
µF is recommended.
13Nonlinearity is specified as a percent (of full-scale range) deviation from a best straight line.
14The isolation barrier (and rating) of every AD215 is 100% tested in production using a 5 second partial discharge test with a failure detection threshold of 150 pC. All
“B” grade devices are tested with a minimum voltage of 1,800 V rms. All “A” grade devices are tested with a minimum voltage of 850 V rms.
15The AD215 should be allowed to warm up for approximately 10 minutes before any gain and/or offset adjustments are made.
16Equivalent to a 0.8 degrees phase shift.
17With the
± 15 V dc power supply pins bypassed by 2.2 µF capacitors at the AD215 pins.
18Caution: The AD215 design does not provide short circuit protection of its isolated power supply. A current limiting resistor may be placed in series with the isolated
power terminals and the load in order to protect the supply against inadvertent shorts.
19With an input power supply voltage greater than or equal
±15 V dc, the AD215 may supply up to ±15 mA from the isolated power supplies.
10Voltages less than 14.25 V dc may cause the AD215 to cease operating properly. Voltages greater than
±17.5 V dc may damage the internal components of the
AD215 and consequently should not be used.
Specifications subject to change without notice.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD215 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com