Electronic Components Datasheet Search
  English  ▼

X  

AD215AY Datasheet(PDF) 12 Page - Analog Devices

Part # AD215AY
Description  120 kHz Bandwidth, Low Distortion, Isolation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD215AY Datasheet(HTML) 12 Page - Analog Devices

Back Button AD215AY Datasheet HTML 4Page - Analog Devices AD215AY Datasheet HTML 5Page - Analog Devices AD215AY Datasheet HTML 6Page - Analog Devices AD215AY Datasheet HTML 7Page - Analog Devices AD215AY Datasheet HTML 8Page - Analog Devices AD215AY Datasheet HTML 9Page - Analog Devices AD215AY Datasheet HTML 10Page - Analog Devices AD215AY Datasheet HTML 11Page - Analog Devices AD215AY Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD215
REV. 0
–12–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
AD215 SIP PACKAGE
0.094 (2.4)
0.12 (3.0) TYP
30° TYP
0.020 (0.5)
0.015 (0.4)
2.480 (63.0) MAX
0.815
(20.7)
0.010
(0.25)
0.165 (4.2)
0.135 (3.4)
0.840
(21.4)
MAX
0.325 (8.3)
MAX
36 38
37
42 44
43
BOTTOM VIEW OF
FOOTPRINT
0.712 (18.2)
4
6
2
3
5
0.712 (18.2)
0.1
(2.5)
0.11 (2.8)
0.11 (2.8)
0.2
(5.1)
0.1 (2.5)
0.325
(8.3)
MAX
0.022 (0.56)
1.50 (38.1)
1
0.250
(6.4)
2.15 (54.6)
0.05 (1.3)
0.16 (4.1)
0.16 (4.1)
0.1 (2.5)
NOTE: PINS MEASURE 0.022 (0.56) x 0.010 (0.25) PRIOR TO TINNING.
TINNING MAY ADD UP TO 3 mils (0.003") TO THESE DIMENSIONS.
C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com