Electronic Components Datasheet Search
  English  ▼

X  

DB3 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DB3
Description  Silicon Bidirectional Diacs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DB3 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DB3 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DB3 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ABSOLUTE RATINGS
Power dissipation on printed
TA=50
oC circuit (L=10mm)
Pc
mW
Repetitive peak on-state
tp=20
S
current
f=120Hz
ITRM
A
Operating junction temperature
TJ
oC
Storage temperature
TSTG
oC
Min
28
35
Typ
32
40
Max
36
45
Output voltage (NOTE 1)
Vo
Min
V
Breakover current (NOTE 1)
IBO
Max
A
Rise time (NOTE 1)
tr
Typ
S
Leakage current (NOTE 1)
IR
Max
A
2.Connected in parallel w ith the devices
NOTE: 1.Electrical characteristics applicable in both forw ard and reverse dirctions.
5.0
5.0
100.0
1.5
V
R=0.5 VBO
See FIG.1
10.0
C=22nf(NOTE 2)
Breakover voltage (NOTE 1)
Breakover voltage symmetry
Dynamic breakover voltage (NOTE 1)
VBO
UNITS
150.0
I+VBO I-
I-VBOI
I±
VI
C=22nf(NOTE 2)
See FIG.1
I=(IBO to IF=10mA)
See FIG.1
V
V
±3.0
V
Parameters
Symbols
UNITS
DB3,DB4
VOLTAGE RANGE: 28-45 V
The three layer,two termnal,axial lead,hermetically
1111sealed diacs are designed specifically for triggering
1111thyristors.They demonstrate low breakover current at
1111breakover voltage as they withstand peak pulse
1111current,The breakover symmetry is within three
1111volts(DB3,DB4). These diacs are intended for use in
CCCthyrisitors phase control,circuits for lamp dimming,
FFFI universal motor speed control,and heat control.
Parameters
See FIG.3
2.0
-40--- +125
C=22nf(NOTE 2)
See FIG.1
ELECTRICAL CHARACTERISTICS
Test Conditions
-40--- +125
DB3
DB4
See FIG.2
Max
Min
DB3/DB4
Silicon Bidirectional Diacs
DO-35
Dimensions in inches and (millimeters)
Features
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Tiger Electronic Co.,Lt...
DB3-DB4 TGS-DB3-DB4 Datasheet
137Kb / 2P
Silicon Bidirectional Diacs
logo
Shanghai Shunye Electro...
DB3M SHUNYE-DB3M Datasheet
199Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3M DSK-DB3M Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Zibo Seno Electronic En...
LLDB3 ZSELEC-LLDB3 Datasheet
362Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V01 Datasheet
399Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V02 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com