Electronic Components Datasheet Search
  English  ▼

X  

AD202KY Datasheet(PDF) 3 Page - Analog Devices

Part # AD202KY
Description  Low Cost, Miniature Isolation Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD202KY Datasheet(HTML) 3 Page - Analog Devices

  AD202KY Datasheet HTML 1Page - Analog Devices AD202KY Datasheet HTML 2Page - Analog Devices AD202KY Datasheet HTML 3Page - Analog Devices AD202KY Datasheet HTML 4Page - Analog Devices AD202KY Datasheet HTML 5Page - Analog Devices AD202KY Datasheet HTML 6Page - Analog Devices AD202KY Datasheet HTML 7Page - Analog Devices AD202KY Datasheet HTML 8Page - Analog Devices AD202KY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD202/AD204
REV. B
–3–
PIN DESIGNATIONS
AD202/AD204 SIP Package
Pin
Function
1
+INPUT
2
INPUT/VISO COMMON
3
–INPUT
4
INPUT FEEDBACK
5–VISO OUTPUT
6+VISO OUTPUT
31
+15 V POWER IN (AD202 ONLY)
32
CLOCK/POWER COMMON
33
CLOCK INPUT (AD204 ONLY)
37
OUTPUT LO
38
OUTPUT HI
AD202/AD204 DIP Package
Pin
Function
1
+INPUT
2
INPUT/VISO COMMON
3
–INPUT
18
OUTPUT LO
19
OUTPUT HI
20
+15 V POWER IN (AD202 ONLY)
21
CLOCK INPUT (AD204 ONLY)
22
CLOCK/POWER COMMON
36
+VISO OUTPUT
37
–VISO OUTPUT
38
INPUT FEEDBACK
AD246–SPECIFICATIONS
(typical @ +25
°C & V
S = +15 V unless otherwise noted)
Model
AD246JY
AD246JN
OUTPUT
l
Frequency
25 kHz Nominal
*
Voltage
15 V p-p Nominal *
Fan-Out
32 max
*
POWER SUPPLY
REQUIREMENTS
Input Voltage
+15 V
± 5%
*
Supply Current
Unloaded
35 mA
*
Each AD204 Adds
2.2 mA
*
Each 1 mA Load on AD204
+VISO or –VISO Adds
0.7 mA
*
NOTES
*Specifications the same as the AD246JY.
1The high current drive output will not support a short to ground.
Specifications subject to change without notice.
AD246 Pin Designations
Pin (Y)
Pin (N)
Function
1
12
+15 V POWER IN
2
1
CLOCK OUTPUT
12
14
COMMON
13
24
COMMON
ORDERING GUIDE
Package
Max Common-
Max
Model
Option
Mode Voltage (Peak)
Linearity
AD202JY
SIP
1000 V
±0.05%
AD202KY
SIP
2000 V
±0.025%
AD202JN
DIP
1000 V
±0.05%
AD202KN
DIP
2000 V
±0.025%
AD204JY
SIP
1000 V
±0.05%
AD204KY
SIP
2000 V
±0.025%
AD204JN
DIP
1000 V
±0.05%
AD204KN
DIP
2000 V
±0.025%
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD202/AD204 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com