Electronic Components Datasheet Search
  English  ▼

X  

SLYY018A Datasheet(PDF) 2 Page - Texas Instruments

Part # SLYY018A
Description  A game-changing combination for design engineers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLYY018A Datasheet(HTML) 2 Page - Texas Instruments

  SLYY018A Datasheet HTML 1Page - Texas Instruments SLYY018A Datasheet HTML 2Page - Texas Instruments SLYY018A Datasheet HTML 3Page - Texas Instruments SLYY018A Datasheet HTML 4Page - Texas Instruments SLYY018A Datasheet HTML 5Page - Texas Instruments SLYY018A Datasheet HTML 6Page - Texas Instruments SLYY018A Datasheet HTML 7Page - Texas Instruments SLYY018A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Energy Harvesting
April 2010
2 Texas Instruments
challenging as it was from the consumption side not that many years ago. Primary reason: harvested power
is derived from ambient sources so it tends to be unregulated, intermittent and small.
While there is no widely accepted definition of ULP, it’s helpful to consider it in the context of batteries be-
cause they are easily the most common energy source for ULP designs today.
Medical applications in which electronic devices are implanted in or attached to the body are good ex-
amples of ULP designs that run on batteries. Here are three examples.
• Implanted medical device. Size and battery life are primary considerations. Power dissipation of 10 μW
and battery life of 15,000 hours would be typical.
• In-ear device. Size becomes more important that life, which indicates button cell. Typical power dissipa-
tion of 1 mW and 1,500-hour life.
• Surface-of-skin device. Limiting factor is the ability of skin surface to dissipate heat. Typical power
dissipation of 10 mW and 150-hour life.
Medical applications that consume milliwatts set the energy-production bar for harvesting devices. The
good news is that milliwatts are the same order of magnitude that micro-harvesters can generate.
Some non-medical products already use micro-harvesting sources. These include calculators, watches,
radios and Bluetooth® headsets. There are also applications that consume on the order of milliwatts as well,
but have not yet been adapted to micro-harvesting. The most promising application is being remote sensors.
The most promising micro-harvesting technologies extract energy from vibration, temperature differentials
and light. A fourth possibility – scavenging energy from RF emissions – is interesting, but the energy avail-
ability is at least an order of magnitude less than that of the first three. Estimates vary, but Figure 2 shows
the approximate amount of energy per unit available from four micro-harvesting sources.
Harvester
technologies
Figure 2. Energy harvesting estimates
Energy Source
Harvested Power
Vibration/Motion
Human
4 μW/cm2
Industry
100 μW/cm2
Temperature Difference
Human
25 μW/cm2
Industry
1–10 mW/cm2
Light
Indoor
10 μW/cm2
Outdoor
10 mW/cm2
RF
GSM
0.1 μW/cm2
WiFi
0.001 μW/cm2
Figure 1: Macro v. micro energy harvesting comparison
Macro vs.
Micro
Energy Source
Solutions
Ultimate Goal
Macro
Renewable energy (e.g., solar, wind)
Energy management solutions
Reduce oil dependency
Micro
Energy from the environment (e.g., vibration, body heat)
Ultra-low-power solutions
Perpetual devices
ULP sets targets



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com