Electronic Components Datasheet Search
  English  ▼

X  

AD261 Datasheet(PDF) 6 Page - Analog Devices

Part # AD261
Description  High Speed, Logic Isolator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD261 Datasheet(HTML) 6 Page - Analog Devices

  AD261 Datasheet HTML 1Page - Analog Devices AD261 Datasheet HTML 2Page - Analog Devices AD261 Datasheet HTML 3Page - Analog Devices AD261 Datasheet HTML 4Page - Analog Devices AD261 Datasheet HTML 5Page - Analog Devices AD261 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AD261
–6–
REV. 0
BUFFER
DELAY LINE
BUFFER
14ns
100
5pF
OUTPUT
CAPACITANCE
TOTAL DELAY =
t
PD
t
rr = 13ns (NO LOAD), 18ns (50pF LOAD)
t
ff
t
rr = tff = 100
x CTOTAL OUTPUT CAPACITANCE
0.5ns – NO LOAD
= 5.5ns INTO 50pF
5pF
INPUT
CAPACITANCE
EFFECTIVE
CIRCUIT
MODEL
37%
63%
OUTPUT
INPUT
POSITIVE GOING
INPUT THRESHOLD
NEGATIVE GOING
INPUT THRESHOLD
HYSTERESIS
PROPAGATION DELAY
t
PD = 14ns
Figure 2. Typical Timing and Delay Models
22-Pin Plastic DIP
(ND-22A)
BOTTOM
VIEW
SYSTEM
FIELD
0.738* (18.75)
0.650 (16.51)
0.250
(6.35)
0.050
(1.27)
PIN 1
0.075 (1.91)
SIDE VIEW
22
1
8
15
1.500 (38.1) MAX
0.050 (1.27)
0.160 (4.06)
0.140 (3.56)
0.020
0.010
(0.508
0.254)
16 PLACES
0.100
(2.54)
0.550 (13.97)
MAX
0.440
(11.18)
MAX
END VIEW
0.350
(8.89)
*CREEPAGE PATH (SUBTRACT APPROXIMATELY
0.079 (2mm) FOR SOLDER PAD RADII ON PC BOARD.
THIS SPACING SUPPORTS THE INTRINSICALLY SAFE
RATING OF 750V.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Logic information is sent across the barrier as “set-hi/set-lo”
data that is derived from logic level transitions of the input. At
power-up or after a fault condition, an output might not repre-
sent the state of the respective channel input to the isolator. An
internal circuit operates in the background which interrogates
all inputs about every 5
µs and in the absence of logic transi-
tions, sends appropriate “set-hi” or “set-lo” data across the
barrier.
Recovery time from a fault condition or at power-up is thus
between 5
µs and 10 µs.
DRIVER
DATA
RECEIVER
OUTPUT
BUFFER
GATED
TRANSPARENT
LATCH
SCHMITT
TRIGGER
BUFFER
CONTINUOUS
UPDATE CIRCUIT
3.5kV
ISOLATION
BARRIER
DATA IN
ENABLE
ENABLE
OUT
DQ
G
Figure 1. Simplified Block Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com