Electronic Components Datasheet Search
  English  ▼

X  

TC1801 Datasheet(PDF) 2 Page - Transcom, Inc.

Part # TC1801
Description  5W High Linearity and High Efficiency GaAs Power FETs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1801 Datasheet(HTML) 2 Page - Transcom, Inc.

  TC1801 Datasheet HTML 1Page - Transcom, Inc. TC1801 Datasheet HTML 2Page - Transcom, Inc. TC1801 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC1801
REV5_20070502
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
2 / 3
ABSOLUTE MAXIMUM RATINGS (TA=25
°°°°C) RECOMMANDED OPERATING CONDITION
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
12 V
VGS
Gate-Source Voltage
-5 V
ID
Drain Current
3 A
Pin
Input Power, CW
33 dBm
PT
Continuous Dissipation
12 W
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
Symbol
Parameter
Rating
VDS
Drain to Source Voltage
8 V
ID
Drain Current
1200 mA
CHIP DIMENSIONS
D
D
D
G
G
G
G
G
G
G
D
D
D
D
G
D
1961 ±
±±
± 12
500±
±±
± 12
Units: Micrometers
Chip Thickness: 50
Gate Pad: 76.0 x 59.5
Drain Pad: 86.0 x 76.0
TYPICAL SCATTERING PARAMETERS (VDS = 8 V, IDS = 1200 mA)
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.05
0.98718
-74.796
44.709
141.78
0.0093564
51.986
0.53531
-156.17
0.1
0.97588
-113.62
30.626
122.04
0.012818
32.463
0.66842
-162.21
0.2
0.96903
-143.77
17.328
106.44
0.014505
17.281
0.73702
-169.54
0.3
0.96732
-155.38
11.861
100.02
0.014893
11.291
0.75333
-172.55
0.4
0.96668
-161.4
8.9796
96.368
0.015032
8.0598
0.75952
-174.06
0.5
0.96639
-165.06
7.2132
93.875
0.015093
5.9902
0.76261
-174.93
0.6
0.96624
-167.52
6.0227
91.976
0.015122
4.5141
0.76447
-175.46
0.7
0.96616
-169.28
5.1667
90.42
0.015134
3.3813
0.76578
-175.79
0.8
0.96612
-170.6
4.522
89.08
0.015136
2.465
0.76681
-176.01
0.9
0.96611
-171.63
4.0188
87.886
0.015133
1.694
0.76769
-176.14
1
0.96611
-172.45
3.6153
86.794
0.015124
1.0256
0.76851
-176.21
1.1
0.96613
-173.12
3.2844
85.778
0.015112
0.43245
0.76931
-176.24
1.2
0.96615
-173.68
3.0081
84.818
0.015098
-0.10378
0.77009
-176.25
1.3
0.96618
-174.16
2.7739
83.902
0.015081
-0.59563
0.7709
-176.23
1.4
0.96622
-174.56
2.5728
83.022
0.015061
-1.0521
0.77172
-176.19
1.5
0.96626
-174.91
2.3982
82.171
0.01504
-1.4797
0.77257
-176.14
1.6
0.96631
-175.22
2.2452
81.343
0.015017
-1.8835
0.77345
-176.07
1.7
0.96637
-175.49
2.11
80.535
0.014992
-2.267
0.77436
-176
1.8
0.96643
-175.73
1.9895
79.745
0.014965
-2.6332
0.77531
-175.93
1.9
0.96649
-175.94
1.8816
78.969
0.014937
-2.9843
0.77629
-175.84
FREQUENCY
S11
S21
S12
S22



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com