Electronic Components Datasheet Search
  English  ▼

X  

B05AF Datasheet(PDF) 1 Page - Dc Components

Part # B05AF
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

B05AF Datasheet(HTML) 1 Page - Dc Components

  B05AF Datasheet HTML 1Page - Dc Components B05AF Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
FEATURES
* Ideal for automated placement
* Low profile space
* Low forward voltage grop
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
B05AF
THRU
B05MF
MBF
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
* Case: Molded plastic
MECHANICAL DATA
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: MIL-STD-202E, Method 208 guaranteed
* Polarity: Symbols molded or marked on body
* Mounting position: Any
* Weight: 0.12 gram
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
SYMBOL
VRRM
VDC
IO
VRMS
Volts
Volts
Amps
0.5 / 0.8
UNITS
Maximum Average Forward Output Current at TA = 30
oC (Note 2 / 3)
Volts
Dimensions in inches and (millimeters)
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
25
Amps
DC Blocking Voltage per element
VF
IR
1.0
100
µAmps
Element at 0.4A DC
Maximum DC Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 125
oC
5.0
Maximum Reverse Current at rated
Operating and Storage Temperature Range
-50 to + 150
Typical Junction Capacitance ( Note1)
CJ
13
pF
Typical Thermal Resistance (Note 2 / 3)
R
θJA
85 / 70
0
C/W
NOTES : 1. Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
2. On glass epoxy P.C.B. with 0.05 x 0.05" (1.3x1.3mm) copper pads.
* Low leakage current
* High forward surge capability
* Glass passivated junction
3. On aluminum substrate P.C.B. with an area of 0.8 x 0.8 “ (20x20mm) mounted on 0.05 x 0.05" (1.3x1.3mm) copper pads.
TJ,TSTG
0 C
B05AF
B05BF
B05DF
B05GF
B05JF
B05KF
B05MF
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
.236(6.00)
.220(5.60)
.016(0.41)
.006(0.15)
.004(0.10)
Max.
.043(1.10)
.020(0.50)
.035(0.90)
.020(0.50)
.106(2.70)
.090(2.30)
.276(7.00)
.260(6.60)
.063(1.60)
.047(1.20)
.197(5.00)
.181(4.60)
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 0.5 / 0.8 Ampere


Similar Part No. - B05AF

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B05 DBLECTRO-B05 Datasheet
224Kb / 1P
FEMALE HEADER PROFILE : 6.6mm STRAIGHT
logo
Amphenol Corporation
B05 AMPHENOL-B05 Datasheet
127Kb / 4P
Small glass coated bead thermistors on fine diameter platinum alloy lead-wires
B05 AMPHENOL-B05 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
E-SWITCH
B050001 E-SWITCH-B050001 Datasheet
40Kb / 1P
ALL DIMENSIONS IN MM [INCH]
logo
List of Unclassifed Man...
B0500T ETC1-B0500T Datasheet
454Kb / 2P
Telefuse SMD Power Cross Protection Fuse
More results

Similar Description - B05AF

ManufacturerPart #DatasheetDescription
logo
Dc Components
MMB2505 DCCOM-MMB2505 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
MMB2505W DCCOM-MMB2505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
MMB3505 DCCOM-MMB3505 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
MP6005 DCCOM-MP6005 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
MP8005 DCCOM-MP8005 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
MP10005 DCCOM-MP10005 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
TBL005 DCCOM-TBL005 Datasheet
230Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
B1AF DCCOM-B1AF Datasheet
41Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
B04AF DCCOM-B04AF Datasheet
41Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
TB05S DCCOM-TB05S Datasheet
62Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE MINI SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com