Electronic Components Datasheet Search
  English  ▼

X  

BK12F Datasheet(PDF) 2 Page - Dc Components

Part # BK12F
Description  TECHNICAL SPECIFICATIONS OF SCHOTTKY SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

BK12F Datasheet(HTML) 2 Page - Dc Components

  BK12F Datasheet HTML 1Page - Dc Components BK12F Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES (BK12F THRU BK110F)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
80
0.01
10
100
1.0
60
20
40
FIG. 1 - DERATING CURVE FOR OUTPUT
CURRENT
AMBIENT TEMPERATURE, (oC)
.01
100
120
140
0
0.2
0.4
0.8
0.6
125
175
0
10
1.0
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
1
10
100
0
10
100
8.3ms Single Half Sine-Wave
JEDEC Method
0.01
1.0
.4
.6
10
0
.2
.8
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
1.0
0.1
Pulse Width = 300
µS
1% Duty Cycle
TJ = 25OC
TJ= 25oC
TJ= 75oC
TJ= 125oC
25
50
100
150
200
BK12F~14F
BK18F~110F
BK16F
Single Phase
Half Wave 60Hz
Resistive of
Inductive Load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com