Electronic Components Datasheet Search
  English  ▼

X  

ACE24C04B Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE24C04B
Description  Two-wire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C04B Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE24C04B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ACE24C02/04/08/16B
Two-wire Serial EEPROM
VER 1.3
10
Current Address Read:
The internal data word address counter maintains accessed address, the last and incremented by one.
But for ACE24C16B, only lower 8 bits of the internal data word address counter maintains the last
accessed address, the higher 3 bits (P2, P1, P0) will follow the device address input at each current
address read. This address stays valid between operations as long as the chip power is maintained.
The address "roll over" during write is from the last byte of the current page to the first byte of the same
page.
Once the device address with the read/write select bit set to "one" is clocked in and acknowledged by
the EEPROM, the current address data word is serially clocked out. The microcontroller does not
respond with an input "0" but does generate a following stop condition (see Figure 7).
Random Read:
A random read requires a “dummy” byte write sequence to load in the data word address. Once the
device address word and data word address are clocked in and acknowledged by the EEPROM, the
microcontroller must generate another start condition. The microcontroller now initiates a current
address read by sending a device address with the read/write select bit high. The EEPROM
acknowledges the device address and serially clocks out the data word. The microcontroller does not
respond with a zero but does generate a following stop condition (see Figure 8).
Sequential Read:
Sequential reads are initiated by either a current address read or a random address read. After the
microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM
receives an acknowledge, it will continue to increment the data word address and serially clock out
sequential data words. When the memory address limit is reached, the data word
address will “roll
over” and the sequential read will continue. The sequential read operation is terminated when the
microcontroller does not respond with a zero but does generate a following stop condition (see Figure
9).
Figure 4.Device Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com