Electronic Components Datasheet Search
  English  ▼

X  

ACE24C04A Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE24C04A
Description  Two-wire Serial EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C04A Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE24C04A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C04A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C04A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C04A Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C04A Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24C04A Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24C04A Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24C04A Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24C04A Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ACE24C04/08A
Two-wire Serial EEPROM
VER 1.5
10
MSB
LSB
1
0
1
0
A2
A1
P0
R/W
MSB
LSB
1
0
1
0
A2
P1
P0
R/W
Sequential Read
Sequential reads are initiated by either a current address read or a random address read. After the
microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM
receives an acknowledge, it will continue to increment the data word address and serially clock out
sequential data words. When
the memory address limit is reached, the data word address will “roll
over” and the sequential read will continue. The sequential read operation is terminated when the
microcontroller does not respond with a zero but does generate a following stop condition (refer to
Figure 12).
4K
8K
Figure 7.Device Address
Figure 8.Byte Write
Figure 9.Page Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com