Electronic Components Datasheet Search
  English  ▼

X  

ACE24C128 Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE24C128
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C128 Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE24C128 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C128 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C128 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C128 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C128 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C128 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C128 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C128 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C128 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ACE24C128/256
Two-wire Serial EEPROM
VER 1.5
5
Write Protect Description
WP Pin Status
Part of the Array Protected
ACE24C128
ACE24C256
WP=VCC
Full (128K) Memory
Full (256K) Memory
WP=GND
Normal Read/Write Operations
Memory Organization
ACE24C128, 128K Serial EEPROM:
Internally organized with 256 pages of 64 bytes each, Random word addressing requires a 14-bit data
word address.
ACE24C256, 256K Serial EEPROM:
Internally organized with 512 pages of 64 bytes each, Random word addressing requires a 15-bit data
word address.
Pin Capacitance
Applicable over recommended operating range from: TA = 25℃, f = 1.0 MHz, VCC = +1.7V.
Symbol
Test Condition
Max
Units
Conditions
CI/O
1
Input / Output Capacitance
8
pF
VI/O = 0V
CIN
1
Input Capacitance
6
pF
VIN = 0V
Note: 1. This parameter is characterized and is not 100% tested.
DC Characteristics
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.7V to +5.5V, (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
1.7
5.5
V
ICC1
Supply Current
VCC = 5V, Read at 400KHz
0.4
1.0
mA
ICC2
Supply Current
VCC = 5V, Write at 400KHz
2.0
3.0
mA
ISB1
Standby Current
VCC = 1.7V, VIN = VCC/ VSS
1.0
µA
ISB2
Standby Current
VCC = 5.5V, VIN = VCC/ VSS
6.0
µA
ILI
Input Leakage Current
VIN = VCC/VSS
0.10
3.0
µA
ILO
Output Leakage Current
VOUT = VCC/ VSS
0.05
3.0
µA
VIL
1
Input Low Level
-0.6
VCCx0.3
V
VIH
1
Input High Level
VCCx0.7
VCC+0.5
V
VOL2
Output Low Level 2
VCC = 3.0V, IOL = 2.1 mA
0.4
V
VOL1
Output Low Level 1
VCC = 1.7V, IOL = 0.15 mA
0.2
V
Note: 1. VIL min and VIH max are reference only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com