Electronic Components Datasheet Search
  English  ▼

X  

ACE24C1024 Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE24C1024
Description  Two-wire Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C1024 Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE24C1024 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C1024 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C1024 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C1024 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C1024 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C1024 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C1024 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C1024 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C1024 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ACE24C1024
Two-wire Serial EEPROM
VER 1.4
5
AC Characteristics
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.7V to +5.5V, CL = 100 pF (unless otherwise
noted). Test conditions are listed in Note2.
Symbol
Parameter
1.7-volt
2.5-volt
5.5-volt
Units
Min Max Min Max Min Max
fSCL
Clock Frequency, SCL
400
1000
1000
kHz
TLOW
Clock Pulse Width Low
1300
400
400
ns
THIGH
Clock Pulse Width High
600
400
400
ns
Ti
1
Noise Suppression Time
100
50
50
TAA
Clock Low to Data Out Valid
20
900
20
550
20
550
ns
TBUF
1
Time the bus must be free before a new
transmission can Start
1300
500
500
ns
THD.STA
Start Hold Time
600
250
250
ns
TSU.STA
Start Setup Time
600
250
250
ns
THD.DAT
Data In Hold Time
0
0
0
ns
TSU.DAT
Data In Setup Time
100
100
100
ns
TR
Inputs Rise Time
300
300
300
ns
TF
Inputs Fall Time
300
100
100
ns
TSU.STO
Stop Setup Time
600
250
250
ns
TDH
Data Out Hold Time
50
50
50
ns
TWR
Write Cycle Time
5
5
5
ms
Endurance
1
3.3V, 25℃, Page Mode
1,000,000
Write
Cycles
Notes:1. This parameter is characterized and not 100% tested.
2.AC measurement conditions:
RL (connects to Vcc): 1.3K
Ω
Input pulse voltages: 0.3 Vcc to 0.7 Vcc
Input rise and fall times: ≦50 ns
Input and output timing reference voltages: 0.5Vcc
Device Operation
Clock and Data Transitions:
The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only
during SCL low time periods (refer to Figure 4). Data changes during SCL high periods will indicate a
start or stop condition as defined below.
Start Condition:
A high-to-low transition of SDA with SCL high is a start condition which must precede any other
command (refer to Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com