Electronic Components Datasheet Search
  English  ▼

X  

ACE432 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE432
Description  Precision adjustable shunt voltage reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE432 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE432 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE432 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACE432
Precision adjustable shunt voltage reference
VER 1.3
3
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Reference Voltage
0.5%
VREF
VKA=VREF, IKA=10mA
Test Circuit #1
1.234
1.240
1.246
V
1.0%
1.228
1.240
1.252
1.5%
1.221
1.240
1.259
2.0%
1.215
1.240
1.265
Deviation of reference voltage
over full temperature range
VI(DEV)
VKA=VREF, IKA=10mA
TA=-40℃ to 105℃
Test Circuit #1
68
mV
Ratio of change in reference
voltage to the change in cathode
voltage
ΔV
REF/ΔKA
IKA=10mA
ΔV
KA=8V to VREF
Test Circuit #2
1.0
2.7
mV/V
Reference current
IREF
IKA=10mA,
R1=10KΩ, R2=∞
Test Circuit #2
0.15
2
μA
Deviation of Reference current
over full temperature range
II(DEV)
IKA=10mA, TA=0℃ to
105℃
R1=10KΩ, R2=∞
Test Circuit #2
0.10
μA
Minimum cathode current for
regulation
IMIN
VKA=VREF
Test Circuit #1
60
100
μA
Off-state cathode current
IOFF
VKA=8V, VREF=0
Test Circuit #3
0.04
0.8
μA
Dynamic impedance
IZKAI
IKA=100μA-80mA
VKA=VREF, f≦1KHz
Test Circuit #1
0.3
1.0
Ω
Block Diagram
Symbol Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com