Electronic Components Datasheet Search
  English  ▼

X  

ACE507A Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE507A
Description  Precise Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE507A Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE507A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ACE507A
Precise Low Dropout Voltage Regulator
VER 1.7
6
VIN=4VDC+1VP-PAC
IOUT=3
0mA CL=1μF(Ceramic)
TA(℃)
Frequency f(kHz)
Figure 5. Output Voltage vs. Temperature
Figure 6. Ripple rejection rate
VIN=4.0V
IOUT=10mA , CL=1uF
CIN=1uF (Ceramic), CL=1uF (Ceramic)
Input Voltage
Output Voltage
Output Voltage
Time (2msed/div)
Time (1msed/div)
Figure 7. Input Transient Response
Figure 8. Load Transient Response
40m
Output Current
1mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com