Electronic Components Datasheet Search
  English  ▼

X  

ACE507C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE507C
Description  200mA Low Consumption Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE507C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE507C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE507C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE507C
200mA Low Consumption Linear Regulator
VER 1.2
1
Description
ACE507C series is a group of positive voltage output, low power consumption, low dropout voltage,
three terminal regulator. It can provide 200mA output current when input / output voltage differential drops
to 430mVVout=2.8V), The very low power consumption of ACE507C(Iq=1.0uA)can greatly improve
natural life of batteries.
ACE507C can provide output value in the range of 1.1V~5.5V in 0.1V steps. It also can customized on
command.
ACE507C includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE507C has well load transient response and good temperature characteristic, And it uses trimming
technique to guarantee output voltage accuracy within±2%.
Features
Low Power Consumption: 1.0uA (Typ)
Maximum Output Current: 200mA
Small Dropout Voltage
210mV@100mA (Vout=2.8V)
430mV@200mA (Vout=2.8V)
Input Voltage Range: 1.5V~6V
Output Voltage Range: 1.1V~5.5V (customized on command in 0.1V steps)
High Accurate: ±2% (±1% customized)e
Output Current Limit
Application
Battery Powered equipment
Power Management of MP3. PDA. DSC. Mouse. PS2 Games
Reference Voltage Source Regulation after Switching Power
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input supply voltage
VIN
14
V
Power Dissipation
SOT-23-3
TSOT-23-3
SOT-89-3
TO-92
250
250
500
500
mW
Junction temperature
TJ
125
OC
Storage temperature
TS
- 45 to 150
OC
Ambient Temperature
TA
-40 ~85
OC
Note: Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE507C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE507A ACE-ACE507A Datasheet
302Kb / 9P
Precise Low Dropout Voltage Regulator
VER 1.6
ACE507A ACE-ACE507A Datasheet
557Kb / 9P
Precise Low Dropout Voltage Regulator
VER 1.7
ACE507A12AMA+ ACE-ACE507A12AMA+ Datasheet
302Kb / 9P
Precise Low Dropout Voltage Regulator
VER 1.6
ACE507A12AMB+ ACE-ACE507A12AMB+ Datasheet
302Kb / 9P
Precise Low Dropout Voltage Regulator
VER 1.6
ACE507A12BM+ ACE-ACE507A12BM+ Datasheet
302Kb / 9P
Precise Low Dropout Voltage Regulator
VER 1.6
More results

Similar Description - ACE507C

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8060 BELLING-BL8060 Datasheet
660Kb / 10P
200mA Low Consumption Linear Regulator
BL8064 BELLING-BL8064 Datasheet
671Kb / 9P
200mA Low Consumption Linear Regulator
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
300mA Low Consumption Linear Regulator
logo
Torex Semiconductor
XC62FJ TOREX-XC62FJ Datasheet
413Kb / 16P
10V Input, 200mA Low Consumption Current Regulator
logo
Leshan Radio Company
LR8064 LRC-LR8064_15 Datasheet
378Kb / 8P
200mA Low Consumption Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
250mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE517C ACE-ACE517C Datasheet
923Kb / 9P
2A Low Consumption Linear Regulator
VER 1.2
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8064 BELLING-BL8064_14 Datasheet
1Mb / 9P
200mA Low Consumption Linear Regulator
logo
Leshan Radio Company
LR8064 LRC-LR8064 Datasheet
527Kb / 8P
200mA Low Consumption Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com