Electronic Components Datasheet Search
  English  ▼

X  

ACE520 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE520
Description  Dual 300mA High PSRR Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE520 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE520 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE520 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE520 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE520 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE520 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE520 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE520 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE520 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE520 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACE520
Dual 300mA High PSRR Linear Regulator
VER 1.4
3
Block Diagram
Explanation
ACE520 series are highly accurate, dual, low noise, CMOS low dropout voltage regulators. The output
voltage for each regulator is set independently by trimming. Voltages are selectable in 100mV steps within
a range of 1.2V to 3.5V. It also can be customized on command.
ACE520 includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE520 has excellent load and line transient response and good temperature characteristics, which can
assure the stability of chip and power system. And it uses trimming technique to guarantee output voltage
accuracy within±2%.
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
6
V
Ambient Temperature
-40
85
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com