Electronic Components Datasheet Search
  English  ▼

X  

ACE605 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE605
Description  Ultra Low Dropout 2A CMOS LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE605 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE605 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE605 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE605
Ultra Low Dropout 2A CMOS LDO
VER 1.3
1
Description
The ACE605 series are high performance linear voltage regulators that provide ultra low-dropout voltage,
high output current in lowest output voltage. It operates from an input of 1.4V to 5.5V and provides output
current up to 2A thus is suitable to drive digital circuits requiring low voltage at high currents.
The ACE605 has superior regulation over variations in line and load. Also it provides fast respond to step
changes in load. Other features include over-current and overtemperature protection. The adjustable
version has enable pin to reduce power consumption in shutdown mode.
The devices are available ADJ output , and via exteral R adjust output voltage from 0.6V to Vin-0.3V,
0.6V is the reference voltage. The BM9165 have enable function, that is good for poratble system for
main chip on and off. In order to have lower dropout and bigger current output Ven should 0.8~1.0V
higher than Vin, but can work if same. Power pad sop8 can output over 2A and 1.6A without the pad.
Features
300mV Dropout @ 2A (1.2V output)
<300μA Low Ground Pin Current
Excellent Line and Load Regulation
0.1μA Quiescent Current in Shutdown Mode
Guaranteed >2A Output Current
Fixed Output Voltages: 1.05V, 1.2V, 1.8V, 2.5V
Adjustable Output Voltage from 0.6V to 4.5V
Over-Temperature/Over-Current Protection
Application
Card reader and Battery-Powered Equipment
Mother Board/Graphic Card
LCD-TV , NET BOOK , USB Net card
NET-BOOK, pin-pin with RT9025, RT9018
Packaging Type
SOP-8


Similar Part No. - ACE605

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE6010M70N ACE-ACE6010M70N Datasheet
691Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
More results

Similar Description - ACE605

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9009 RICHTEK-RT9009 Datasheet
142Kb / 9P
2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Cystech Electonics Corp...
EM5102AQP CYSTEKEC-EM5102AQP Datasheet
950Kb / 12P
2A Low Dropout LDO
logo
Excelliance MOS Corp.
EM5102 EXCELLIANCE-EM5102 Datasheet
348Kb / 9P
2A Low Dropout LDO
logo
Bookly Micro electronic
BM9165 BOOKLY-BM9165 Datasheet
464Kb / 6P
Ultra Low Dropout 2A CMOS LDO
logo
Will Semiconductor Ltd.
WL2803D WILLSEMI-WL2803D Datasheet
768Kb / 9P
Ultra low dropout, 800mA, CMOS LDO
WL2803E WILLSEMI-WL2803E Datasheet
879Kb / 10P
Ultra low dropout, 500mA, CMOS LDO
WL2803K WILLSEMI-WL2803K Datasheet
732Kb / 10P
Ultra low dropout, 800mA, CMOS LDO
WL2817DA WILLSEMI-WL2817DA Datasheet
2Mb / 15P
Ultra low dropout, 500mA/1A, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com