Electronic Components Datasheet Search
  English  ▼

X  

ACE701 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE701
Description  PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE701 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ACE701
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
4
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
Vout
2.45
2.5
2.55
V
2.646
2.7
2.754
2.94
3.0
3.06
3.234
3.3
3.366
3.528
3.6
3.672
3.92
4.0
4.08
4.9
5.0
5.1
5.88
6.0
6.12
Input Voltage
Vin
12
V
Input Current
Lin
Iout=0mA, Vin=Vout*0.6
12
15
uA
Start-up voltage
Vstart
Iout=1mA, Vin:02V
0.8
0.9
V
Hold-on voltage
Vhold
Iout=1mA, Vin:20V
0.6
0.7
V
Quiescent current drawn from
power source
IDD
Without external components,
Vout=Vout x 1.05
4
7
uA
Switch ON Resistance
Rswon
0.4
0.5
Ω
LX leakage current
ILXleak
Vout=Vlx=6V
0.5
5
uA
CE “H” threshold voltage
VCEH
VCE: 02V
0.6
0.9
V
CE “L” threshold voltage
VCEL
VCE: 20V
0.3
0.6
V
Oscillator frequency
FOSC
LX on “L” side Vout=Vout * 0.96
300
350
400
Khz
Oscillator duty cycle
Maxdty
On (Vlx “L”) side
70
75
80
%
Efficiency
η
85
%
Note :
1.
Diode: Schottky type, such as: 1N5817, 1N5819, 1N5822
2.
Inductor: 27uH(R<0.5Ω)
3.
Capacitor: 100uF (Tantalum type)
Typical Application Circuit
D 1N5819
Vin
Vout
L
27uH
LX
LX
OUT
Iout
Cin 47uF
ACE701
GND
Cout
Rload
100uF
Tan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com