Electronic Components Datasheet Search
  English  ▼

X  

ACE52510BM+H Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE52510BM+H
Description  300mA High PSRR, Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE52510BM+H Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE52510BM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE52510BM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACE525
300mA High PSRR, Linear Regulator
VER 1.3
1
Description
ACE525 series is a group of positive voltage output, low power consumption, low dropout voltage
regulator.
ACE525 can provide output value in the range of 1.0V~4.4V every 0.1V step. It also can be customized
on command.
ACE525 includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE525 has excellent load and line transient response and good temperature characteristics, which can
assure the stability of chip and power system. And it uses trimming technique to guarantee output voltage
accuracy within ±2%.
Features
Low Power Consumption: 25uA (Typ)
Low Output Noise (47uVRMS)
Standby Mode: 0.1uA
Low Dropout Voltage 360mV@300mA (Typ.)
High Ripple Rejection: 74dB @100Hz (Typ.)
Low Temperature Coefficient: ±100ppm/℃
Excellent Line Regulation: 0.05%/V
Build-in chip enable
Output Voltage Range: 1.0V~4.4V (customized on command every 0.1V step)
High Accurate: ±2%
Output Current Limit
Application
Power source for cellular phones and various kind of PCSs
Battery powered equipment
Power management of MP3, PDA, DSC, Mouse, PS2 games
Reference voltage source
Regulation after switching power
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Max Input voltage
VIN
8
V
Power Dissipation
SC-70-5
SOT-23-5
DFN1*1-4
SOT-23-3
250
250
600
250
mW
Junction temperature
TJ
125
OC
Storage temperature
TS
- 45 to 150
OC
Output Current
300
mA
Ambient Temperature
TA
-40 to 85
OC


Similar Part No. - ACE52510BM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
300mA High PSRR, Linear Regulator
VER 1.4
More results

Similar Description - ACE52510BM+H

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
300mA High PSRR, Linear Regulator
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE520 ACE-ACE520 Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
300mA High PSRR, Linear Regulator
VER 1.4
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
300mA High PSRR, Linear Regulator
VER 1.1
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
Dual 300mA High PSRR Linear Regulator
VER 1.5
ACE535C ACE-ACE535C Datasheet
501Kb / 8P
300mA High PSRR, Fast Response Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063_14 Datasheet
758Kb / 8P
300mA High PSRR, Linear Regulator
BL8067 BELLING-BL8067 Datasheet
788Kb / 8P
300mA High PSRR, Fast Response Linear Regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com