Electronic Components Datasheet Search
  English  ▼

X  

ACE1117 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE1117
Description  1A Positive Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE1117 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACE1117
1A Positive Voltage Regulators
VER 1.4
4
Input Capacitor
An input capacitor of 10μF is recommended. Ceramic or Tantalum can be used. The value can be
increased without upper limit.
Output Capacitor
An output capacitor of 22uF is recommended for better transient and PSRR performance. It should be
placed no more than 1 cm away from the VOUT pin, and connected directly between VOUT and GND pins.
The value may be increased without upper limit.
Thermal Considerations
It is important that the thermal limit of the package is not exceeded. The ACE1117 has built-in thermal
protection. When the thermal limit is exceeded, the IC will enter protection, and VOUT will be pulled to
ground. The power dissipation for a given application can be calculated as following:
The power dissipation (PD) is PD = IOUT * [VIN – VOUT]
The thermal limit of the package is then limited to PD(MAX) = [TJ – TA]/ΘJA where TJ is the junction
temperature, TA is the ambient temperature, and ΘJA is around 180°C/W for ACE1117. ACE1117 is
designed to enter thermal protection at 175°C. For example, if TA is 25°C then the maximum PD is limited
to about 0.83W. In other words, if IOUT(MAX) = 500mA, then [VIN – VOUT] can not exceed 1.66V. (Ref.
SOT-223 without heat sink.)
Typical Performance Characteristic
Reference Voltage vs Junction Temperature
Output Voltage vs Junction Temperature
Junction Temperature (℃)
Junction Temperature (℃)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com