Electronic Components Datasheet Search
  English  ▼

X  

ACE1117C Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE1117C
Description  1A Bipolar Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117C Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE1117C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE1117C Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ACE1117C
1A Bipolar Linear Regulator
VER 1.3
9
Packing Information
SOT-223
UNITS OF MEASURE=MILLIMETER
Symbol
Min
Nom
Max
A
-
-
1.80
A1
0.02
-
0.10
A2
1.50
1.60
1.70
A3
0.80
0.90
1.00
b
0.67
-
0.80
b1
0.66
0.71
0.76
b2
2.96
-
3.09
b3
2.95
3.00
3.05
c
0.30
-
0.35
c1
0.29
0.30
0.31
D
6.48
6.53
6.58
D1
6.55
6.60
6.65
D2
-
-
7.05
E
6.80
-
7.20
E1
3.40
3.50
3.60
E2
3.33
3.43
3.53
e
2.30BSC
e1
4.60BSC
L
0.8
1.00
1.20
L1
1.75REF
L2
0.25BSC
R
0.10
-
-
R1
0.10
-
-
Θ
0
。
-
8
。
Θ1
10
。
12
。
14
。



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com