Electronic Components Datasheet Search
  English  ▼

X  

ACE2301 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2301
Description  P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2301 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2301 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2301 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2301 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2301 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2301 Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACE2301
P-Channel Enhancement Mode MOSFET
VER 1.3
1
Description
The ACE2301 is the P-Channel logic enhancement mode power field effect transistor are produced
using high cell density, DMOS trench technology.
This high density process is especially tailored to minimize on-state resistance.
These devices are particularly suited for low voltage application such as cellular phone and notebook
computer power management and Battery powered circuits, and low in-line power loss are needed in a
very small outline surface mount package.
Features
V
DS
=-20V
R
DS(ON)
,Vgs@-4.5V,Ids@-2.8A=100mΩ
R
DS(ON)
,Vgs@-2.5V,Ids@-2.0A=150mΩ
Advanced trench process technology
High Density Cell Design For Ultra Low On-Resistance
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
-2.2
A
Pulsed Drain Current
1)
IDM
-8
A
Maximum Power Dissipation
TA=25℃
PD
1.25
W
TA=70℃
0.8
Operating Junction Temperature
TJ
-55 to 150
OC
Storage Temperature Range
TSTG
-55 to 150
OC
Junction to Ambient Thermal Resistance (PCB mounted)
2)
RθJA
140
OC/W
Note: 1.Repetitive Rating: Pulse width limited by the maximum junction temperature.
2.1-in
2 2oz Cu PCB board.
3.Guaranteed by design; not subject to production testing.


Similar Part No. - ACE2301

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2301 ACE-ACE2301 Datasheet
97Kb / 5P
P-Channel Enhancement Mode MOSFET
VER 1.2
ACE2301B ACE-ACE2301B Datasheet
261Kb / 5P
P-Channel Enhancement Mode MOSFET
VER 1.3
ACE2301BM+H ACE-ACE2301BM+H Datasheet
97Kb / 5P
P-Channel Enhancement Mode MOSFET
VER 1.2
More results

Similar Description - ACE2301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com