Electronic Components Datasheet Search
  English  ▼

X  

ACE3400 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE3400
Description  N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3400 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE3400 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE3400 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3400 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3400 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE3400 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE3400 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE3400 Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ACE3400
N-Channel Enhancement Mode MOSFET
VER 1.4
2
Packaging Type
SOT-23-3L
3
1
2
Ordering information
ACE3400 XX + H
Electrical Characteristics
TA=25℃, unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=250 uA
30
V
Gate Threshold Voltage
VGS(th)
VD=VGS, ID=250uA
0.8
1.6
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=24V, VGS=1.0V
1
uA
VDS=24V, VGS=0V TJ=55℃
10
On-State Drain Current
ID(ON)
VDS≧4.5V, VGS=4.5V
10
A
Drain-Source
On-Resistance
RDS(ON)
VGS=10V, ID=5.4A
0.030
0.038
Ω
VGS=4.5V, ID=4.6A
0.034
0.042
VGS=2.5V, ID=3.8A
0.040
0.055
Forward Transconductance
Gfs
VDS=4.5V,ID=5.4A
12
S
Diode Forward Voltage
VSD
IS=1.7A, VGS=0V
0.8
1.2
V
Dynamic
Total Gate Charge
Qg
VDS=15V, VGS=10V, ID=6.7A
10
18
nC
Gate-Source Charge
Qgs
1.6
Gate-Drain Charge
Qgd
3.2
Input Capacitance
Ciss
VDS=15, VGS=0V, f=1MHz
450
pF
Output Capacitance
Coss
240
SOT-23-3L
Description
1
Gate
2
Source
3
Drain
Halogen - free
BM : SOT-23-3L
Pb - free



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com