Electronic Components Datasheet Search
  English  ▼

X  

ACE4054 Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE4054
Description  Fully integrated constant current/constant voltage Li-ion battery charger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4054 Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE4054_12 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4054_12 Datasheet HTML 13Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ACE4054
Fully integrated constant current/constant voltage
Li-ion battery charger
VER 1.4
9
Recharge Voltage vs Temperature
Trickle Charge Voltage vs Temperature
T (℃)
T (℃)
Detailed description
The ACE4054 is a single cell, fully integrated constant current (CC) / constant voltage (CV) Li-ion battery
charger. It can deliver up to 600mA of charge current with a final float voltage accuracy of ±1%. The
ACE4054 has a build-in thermal regulation circuitry that ensures its safe operation. No blocking diode or
external current sense resistor is required; hence reduce the external components for a basic charger
circuit to two. The ACE4054 is also capable of operating from a USB power source.
Normal Charge Cycle
The ACE4054 initiates a charge cycle once the voltage at the VCC pin rises above the UVLO threshold
level. A 1% precision resistor needs to be connected from the PROG pin to ground. If the voltage at the
BAT pin is less than 2.9V, the charger enters trickle charge mode. In this mode, the charge current is
reduced to nearly 1/10 the programmed value until the battery voltage is raised to a safe level for full
current charging.
The charger switches to constant-current mode as the BAT pin voltage rises above 2.9V, the charge
current is thus resumed to full programmed value. When the final float voltage (4.2V) is reached the
ACE4054 enters constant-voltage mode and the charge current begins to decrease until it drops to 1/10
of the preset value and ends the charge cycle.
Programming Charge Current
The charge current is programmable by setting the value of a precision resistor connected from the
PROG pin to ground. The charge current is 1000 times of the current out of the PROG pin. The program
resistor and the charge current are calculated using the following equations:
The charge current out of the BAT pin can be determined at any time by monitoring the PROG pin
voltage using the following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com