Electronic Components Datasheet Search
  English  ▼

X  

ACE5372 Datasheet(PDF) 30 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 30 Page - ACE Technology Co., LTD.

Back Button ACE5372_11 Datasheet HTML 23Page - ACE Technology Co., LTD. ACE5372_11 Datasheet HTML 24Page - ACE Technology Co., LTD. ACE5372_11 Datasheet HTML 25Page - ACE Technology Co., LTD. ACE5372_11 Datasheet HTML 26Page - ACE Technology Co., LTD. ACE5372_11 Datasheet HTML 27Page - ACE Technology Co., LTD. ACE5372_11 Datasheet HTML 28Page - ACE Technology Co., LTD. ACE5372_11 Datasheet HTML 29Page - ACE Technology Co., LTD. ACE5372_11 Datasheet HTML 30Page - ACE Technology Co., LTD. ACE5372_11 Datasheet HTML 31Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.3
30
Package Information
TSSOP-8
Dimensions (mm are the original dimensions)
Unit
HE
L
Lp
v
w
y
Z
(1)
θ
mm
6.70
6.10
0.94
0.80
0.20
0.1
0.1
0.1
0.70
0.35
10
0
0
0
Notes:
1.Plastic or metal protrusions of 0.15mm maximum per side are not included
2.Plastic or metal protrusions of 0.25mm maximum per side are not included
Unit
A
max.
A1
A2
A3
Bp
C
D
(1)
E
(2)
e
mm
1.10
0.15
0.05
0.95
0.80
0.25
0.32
0.12
0.25
0.10
3.10
2.90
4.60
4.20
0.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com