Electronic Components Datasheet Search
  English  ▼

X  

ADLN2000PC Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLN2000PC
Description  Intel Atom N2600, 1.60 GHz, 3.5 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLN2000PC Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLN2000PC Datasheet HTML 1Page - ADL Embedded Solutions ADLN2000PC Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCIe/104
Data subject to change without notice.
ADL Embedded Solutions GmbH, Eiserfelder Str. 316 D-57080 Siegen,
ADL Embedded Solutions Inc. 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
ADLN2000PC- Intel Atom N2600, 1.60 GHz, 3.5 Watts
Features
•
Intel® Atom™ Dual Core N2600 CPU, 1.60GHz
•
Intel® ICH9M-E Chipset (SFF)
•
Up to 2GB RAM (DDR3-1066, SO-DIMM204, 1.5V)
•
Integrated Graphics with H.264 Codec
•
VGA, DVI, HDMI, DisplayPort, LVDS 18/24 with Dual Display
•
HDA 7.1 Sound, SPDIF In/Out
•
2x LAN 10/100/1000
•
Up to 4x SATA 3G (2x onboard, 2x through PCIe/104)
•
8x USB2.0 (additional 2x via PCIe/104, 1x via PCIe Mini)
•
2x RS232 COM Ports
•
Bottom-Stacking PCIe/104 type 2 Connector (PCIe v1.1)
•
PCIe Mini Card Socket option (uses one PCIe x1 lane)
•
AHCI RAID Support
•
PCIe/104 Form Factor
Item Code
Part #
Description
ADLN2000PC
292700
PCIe/104, Atom N2600 1.60GHz 2C4T 1MB L3
Memory
DDR3-DRAM2048-S
997506
DDR3-1333 2GB Standard Temperature
DDR3-DRAM-2048-EX
997516
DDR3-1333 2GB Extended Temperature
Options and Accessories
ADLD25PC-mPCIe
292530
PCIe Mini option (uses 1 PCIe x1 lane)
ADL-ET
290000
Extended Temp Screen (-40º to +85º C)
ADLD25PC-CK
292520
Standard Cable kit for ADLD25PC
STANDOFF-MSS
293406
.6” (15.24mm), PC/104 M3, Precision Milled Stand-
Offs
STANDOFF-1"M3
293436
1” (25.4mm), PC/104 M3, Precision Milled Stand-Offs
Thermal Solutions
ADLN2000PC-SP0600
292710
0.600” Heat Spreader for ADLN2000PC
ADLN2000PC-SP1000
292711
1.000” Heat Spreader for ADLN2000PC
For the above two Thermal Solutions, ADL Embedded Solutions recommends Stand-Off part
#’s 293406 or 293436 (qty. 4 each)
ADLN2000PC-FANSINK
292511
Heatsink / Fan combo for ADLN2000PC
Ordering Information
Description
The ADLN2000PC features the Intel Atom N2600 dual core processor which inter-
faces to the ICH9M-E (SFF) chipset, and provides improved PCIe/104 type 2 periph-
eral connectivity for rugged performance in portable and thermally constrained appli-
cations. The N2600 processor features an Intel rated Thermal Design Power (TDP)
maximum of only 3.5 Watts
The ADLN2000PC features an integrated, High-Definition graphics engine with full
MPEG2 (VLD/iDCT/MC) and HW decode/acceleration for MPEG4 (AVC/H.264). It is
dual-independent display capable with VGA, LVDS, DisplayPort and HDMI/DVI ports
available. The ADLN2000PC is ideal for portable or embedded applications such as
transceivers for tactical communication, GIS mapping, night vision applications, medi-
cal, security and surveillance, railway and other applications that rely on mobile
power sources.
In addition to the wide range of rugged, extended temperature or harsh environment
applications in which the ADLN2000PC can excel, it also supports a healthy set of
features. These include 2xLAN ports (10/100/1000), 2x RS232 COM ports. 2x SATA
with RAID support, and 8x USB2.0. Additionally, two SATA 3G and two USB 2.0
ports are available on the down-stacking Type 2 PCIe/104 connector which also
includes 4 x1 PCI-Express lanes. The ADLN2000PC can be expanded by optionally
adding the PCIe Mini Socket which supports one additional USB 2.0 port to support
WiFi, CAN, DDC-1553 and a variety of other miniPCIe functions.
ADL Embedded Solutions offers highly effective active and passive thermal solutions
designed for this product. Contact your sales representative for more information
.


Similar Part No. - ADLN2000PC

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ADL-52051SM ROITHNER-ADL-52051SM Datasheet
493Kb / 3P
Green APC Laser Diode
10/2023
ADL-52051SW ROITHNER-ADL-52051SW Datasheet
504Kb / 3P
Green APC Laser Diode
10/2023
ADL-52101SM ROITHNER-ADL-52101SM Datasheet
490Kb / 3P
Green APC Laser Diode
10/2023
ADL-52101SW ROITHNER-ADL-52101SW Datasheet
545Kb / 3P
Green APC Laser Diode
10/2023
ADL-52151SM ROITHNER-ADL-52151SM Datasheet
488Kb / 3P
Green APC Laser Diode
10/2023
More results

Similar Description - ADLN2000PC

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-CV05 AAEON-GENE-CV05 Datasheet
347Kb / 2P
3.5 SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
PFM-CVS AAEON-PFM-CVS Datasheet
252Kb / 2P
PC/104 Module with Intel Atom N2600 Processor
GENE-CV05 AAEON-GENE-CV05_13 Datasheet
249Kb / 2P
3.5??SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
logo
List of Unclassifed Man...
EMQ-I2506 ETC2-EMQ-I2506 Datasheet
458Kb / 3P
Intel Atom N2600 Qseven??CPU Module
logo
Protech Systems Co., Lt...
EB-591LF PROTECHSYSTEMS-EB-591LF Datasheet
716Kb / 2P
3.5" SBC supports Intel Atom?
logo
List of Unclassifed Man...
EmCORE-i2501-N26 ETC2-EmCORE-i2501-N26 Datasheet
586Kb / 2P
3.5??Intel짰 Atom??N2600/ D2550 Compact Board
logo
Axiomtek Co., Ltd.
EBOX530-830-FL AXIOMTEK-EBOX530-830-FL_17 Datasheet
380Kb / 1P
Intel Atom Cedarview processor N2600 1.6 GHz dual core
logo
AAEON Technology
PFM-CVSREV.B AAEON-PFM-CVSREV.B Datasheet
266Kb / 2P
Intel Atom N2600 Dual Core 1.6 GHz Processor
logo
Advantech Co., Ltd.
C-BUNDLE-ARK1122-3 ADVANTECH-C-BUNDLE-ARK1122-3 Datasheet
808Kb / 2P
15 Intel Atom N2600 Modular Fanless Panel PC
logo
DFI Inc
BT551 DFI-BT551 Datasheet
853Kb / 2P
Intel Atom E3800 Series 3.5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com