Electronic Components Datasheet Search
  English  ▼

X  

AD515ALH Datasheet(PDF) 6 Page - Analog Devices

Part # AD515ALH
Description  Monolithic Precision, Low Power FET-Input Electrometer Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD515ALH Datasheet(HTML) 6 Page - Analog Devices

  AD515ALH Datasheet HTML 1Page - Analog Devices AD515ALH Datasheet HTML 2Page - Analog Devices AD515ALH Datasheet HTML 3Page - Analog Devices AD515ALH Datasheet HTML 4Page - Analog Devices AD515ALH Datasheet HTML 5Page - Analog Devices AD515ALH Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AD515A
–6–
REV. A
the total noise by about 40%. Noise currents driving the resistors
also add, but in the AD515A are significant only above 10
11
Ω.
Figure 11. Very High Impedance Instrumentation
Amplifier
Figure 12. Low Drift Integrator and Low Leakage Guarded
Reset
LOW LEVEL CURRENT-TO-VOLTAGE CONVERTERS
Figure 2 shows a standard low level current-to-voltage converter.
To obtain higher sensitivity, it is obvious to simply use a higher
value feedback resistor. However, high value resistors above
10
9
Ω tend to be expensive, large, noisy and unstable. To avoid
this, it may be desirable to use a circuit configuration with
output gain, as in Figure 13. The drawback is that input errors
of offset voltage drift and noise are multiplied by the same gain,
but the precision performance of the AD515A makes the trade-
off easier.
Figure 13. Picoampere to Voltage Converter with Gain
One of the problems with low level leakage current testing or
low level current transducers (such as Clark oxygen sensors) is
finding a way to apply voltage bias to the device while still
grounding the device and the bias source. Figure 14 shows a
technique in which the desired bias is applied at the noninvert-
ing terminal thus forcing that voltage at the inverting terminal.
The current is sensed by RF, and the AD524 instrumentation
amplifier converts the floating differential signal to a single-
ended output.
Figure 14. Current-to-Voltage Converters with Grounded
Bias and Sensor
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
TO-99



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com