Electronic Components Datasheet Search
  English  ▼

X  

ACT4523 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4523
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4523 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4523_12 Datasheet HTML 1Page - Active-Semi, Inc ACT4523_12 Datasheet HTML 2Page - Active-Semi, Inc ACT4523_12 Datasheet HTML 3Page - Active-Semi, Inc ACT4523_12 Datasheet HTML 4Page - Active-Semi, Inc ACT4523_12 Datasheet HTML 5Page - Active-Semi, Inc ACT4523_12 Datasheet HTML 6Page - Active-Semi, Inc ACT4523_12 Datasheet HTML 7Page - Active-Semi, Inc ACT4523_12 Datasheet HTML 8Page - Active-Semi, Inc ACT4523_12 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
FEATURES
• 40V Input Voltage Surge
• 38V Steady State Operation
• Up to 3A output current
• Output Voltage up to 12V
• Patent Pending Active CC Sensorless Constant
Current Control
− Integrated Current Control Improves
Efficiency, Lowers Cost, and Reduces
Component Count
• Resistor Programmable
− Current Limit from 1.5A to 3A
− Patented Cable Compensation from 0Ω to
0.3Ω
• ±7.5% CC Accuracy
− Compensation of Input /Output Voltage Change
− Temperature Compensation
− Independent of inductance and Inductor DCR
• 2% Feedback Voltage Accuracy
• Up to 94% Efficiency
• 225kHz Switching Frequency Eases EMI Design
• Advanced Feature Set
− Integrated Soft Start
− Thermal Shutdown
− Secondary Cycle-by-Cycle Current Limit
− Protection Against Shorted ISET Pin
• SOP-8EP Package
APPLICATIONS
• Car Charger/ Adaptor
• Rechargeable Portable Devices
• General-Purpose CC/CV Supply
GENERAL DESCRIPTION
ACT4523 is a wide input voltage, high efficiency
Active CC step-down DC/DC converter that
operates in either CV (Constant Output Voltage)
mode or CC (Constant Output Current) mode.
ACT4523 provides up to 3A output current at
225kHz switching frequency.
Active CC is a patent-pending control scheme to
achieve highest accuracy sensorless constant
current control. Active CC eliminates the expensive,
high accuracy current sense resistor, making it ideal
for battery charging applications and adaptors with
accurate current limit. The ACT4523 achieves
higher efficiency than traditional constant current
switching regulators by eliminating its associated
power loss.
Protection features include cycle-by-cycle current
limit, thermal shutdown, and frequency foldback at
short circuit. The devices are available in a SOP-
8EP package and require very few external devices
for operation.
ACT4523
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 5, 14-Nov-12
Output Current (A)
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
6.0
5.0
4.0
3.0
2.0
1.0
0.0
CC/CV Curve
VIN = 24V
VIN = 12V
ACT4523
HSB
IN
EN
COMP
FB
SW
ISET
ENABLE
Input 10V to 40V
5V
GND
C1
47µF
R1
11.5k
C2
2.2nF
R3
8.2k
R4
10k
D1
SK34
R2 52k
C4
220µF
C3
22nF
50V
L1 30µH


Similar Part No. - ACT4523_12

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4523 ACTIVE-SEMI-ACT4523_13 Datasheet
658Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 01-Aug-13
More results

Similar Description - ACT4523_12

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513_12 Datasheet
673Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_12 Datasheet
463Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4533 ACTIVE-SEMI-ACT4533 Datasheet
602Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 25-Feb-13
ACT4533A ACTIVE-SEMI-ACT4533A Datasheet
452Kb / 18P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4523A ACTIVE-SEMI-ACT4523A Datasheet
400Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com