Electronic Components Datasheet Search
  English  ▼

X  

AD5260 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5260
Description  2-Channel, 256-Position Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5260 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5260 Datasheet HTML 6Page - Analog Devices AD5260 Datasheet HTML 7Page - Analog Devices AD5260 Datasheet HTML 8Page - Analog Devices AD5260 Datasheet HTML 9Page - Analog Devices AD5260 Datasheet HTML 10Page - Analog Devices AD5260 Datasheet HTML 11Page - Analog Devices AD5260 Datasheet HTML 12Page - Analog Devices AD5260 Datasheet HTML 13Page - Analog Devices AD5260 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. 0
AD5207
–10–
The data setup and data hold times in the specification table
determine the data valid time requirements. The last ten bits of
the data word entered into the serial register are held when
CS
returns high and any extra bits are ignored. At the same time, when
CS goes high, it gates the address decoder enabling one of two
positive edge-triggered AD5207 RDAC latches; see Figure 5 detail.
SDI
CLK
CS
CK RS
D
Q
SERIAL
REGISTER
SDO
SHDN
INTERNAL
RS
Figure 4. Detail SDO Output Schematic of the AD5207
The target RDAC latch is loaded with the last eight bits of the
data word to complete one RDAC update. For AD5207, it
cannot update both channels simultaneously and therefore, two
separate 10-bit data words must be clocked in to change both
VR settings.
RDAC1
RDAC2
ADDR
DECODE
SERIAL
REGISTER
AD5207
SDI
CLK
CS
Figure 5. Equivalent Input Control Logic
All digital inputs are protected with a series input resistor and
parallel Zener ESD structure shown in Figures 6 and 7. Applies
to digital input pins
CS, SDI, SDO, SHDN, and CLK. Digital
input level for Logic 1 can be anywhere from 2.4 V to 5 V
regardless of whether it is in single or dual supplies.
340
VSS
LOGIC
DIGITAL PIN
Figure 6. ESD Protection of Digital Pins
A,B,W
VSS
Figure 7. ESD Protection of Resistor Terminals
D7
D6
D5
D4
D3
D2
D1
D0
RDAC
LATCH
AND
DECODER
RS
RS
RS
RS
SHDN
Ax
Wx
Bx
Figure 8. Equivalent RDAC Circuit
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation
The nominal resistance of the RDAC between Terminals A and
B is available with values of 10 k
Ω, 50 kΩ, and 100 kΩ. The last
few digits of the part number determine the nominal resistance
value, e.g., 10 k
Ω = 10; 50 kΩ = 50; and 100 kΩ = 100. The
nominal resistance (RAB) of the VR has 256 contact points
accessed by the wiper terminal, plus the B Terminal contact.
The 8-bit data in the RDAC latch is decoded to select one of
the 256 possible settings. Assume a 10 k
Ω part is used, the
wiper’s first connection starts at the B Terminal for data 00H.
Since there is a 45
Ω wiper contact resistance, such connection
yields a minimum of 45
Ω resistance between Terminals W and
B. The second connection is the first tap point corresponds to
84
Ω (R
WB = RAB/256 + RW = 39
Ω + 45 Ω) for data 01
H. The
third connection is the next tap point representing 123
Ω (39 ×
2 + 45) for data 02H and so on. Each LSB value increase moves
the wiper up the resistor ladder until the last tap point is reached at
10006
Ω (RAB – 1 LSB + RW). Figure 8 shows a simplified dia-
gram of the equivalent RDAC circuit.
The general equation determining the programmable output
resistance between W and B is:
RD
D
RR
WB
AB
W
() =×
+
256
(1)
where D is the data contained in the 8-bit RDAC latch, and RAB
is the nominal end-to-end resistance.
For example, RAB =10 k
Ω, A Terminal can be open-circuit or
tied to W. The following output resistance RWB will be set for
the following RDAC latch codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com