Electronic Components Datasheet Search
  English  ▼

X  

ACT8810 Datasheet(PDF) 38 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePath Power Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 38 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 34Page - Active-Semi, Inc ACT8810 Datasheet HTML 35Page - Active-Semi, Inc ACT8810 Datasheet HTML 36Page - Active-Semi, Inc ACT8810 Datasheet HTML 37Page - Active-Semi, Inc ACT8810 Datasheet HTML 38Page - Active-Semi, Inc ACT8810 Datasheet HTML 39Page - Active-Semi, Inc ACT8810 Datasheet HTML 40Page - Active-Semi, Inc ACT8810 Datasheet HTML 41Page - Active-Semi, Inc ACT8810 Datasheet HTML 42Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
RTC LOW-DROPOUT LINEAR REGULATOR
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 38 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
REGISTER DESCRIPTIONS
Note: See Table 1 for default register settings.
Table 16:
REG6 Control Register Map
ADDRESS
DATA
D7
D6
D5
D4
D3
D2
D1
D0
42h
R
R
R
VSET6
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
42h
VSET6
[4:0]
R/W
REG6 Output Voltage
Selection
See Table 18
42h
[7:5]
R
READ ONLY
Table 17:
REG6 Control Register Bit Descriptions
R: Read-Only bits. Default Values May Vary.
Table 18:
REG6/VSETx[ ] Output Voltage Setting
REG6CFG/VSETx[2:0]
REG6CFG/VSETx[4:3]
00
01
10
11
000
0.90
1.45
1.90
2.75
001
1.00
1.50
2.00
2.80
010
1.10
1.55
2.10
2.85
011
1.20
1.60
2.20
2.90
100
1.25
1.70
2.40
3.00
101
1.30
1.75
2.50
3.10
110
1.35
1.80
2.60
3.20
111
1.40
1.85
2.70
3.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com