Electronic Components Datasheet Search
  English  ▼

X  

ACT8891 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8891
Description  Advanced PMU for Rockchip RK2918 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8891 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8891 Datasheet HTML 1Page - Active-Semi, Inc ACT8891 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of NXP.
ACT8891
Advanced PMU for Rockchip RK2918 Processor
FEATURES
• Optimized for Rockchip RK2918 Processor
• Three Step-Down DC/DC Converters
• Four Low-Dropout Linear Regulators
• I2CTM Serial Interface
• Advanced Enable/Disable Sequencing Controller
• Minimal External Components
• Tiny 4×4mm TQFN44-32 Package
− 0.75mm Package Height
− Pb-Free and RoHS Compliant
GENERAL DESCRIPTION
The ACT8891 is a complete, cost effective, highly-
efficient ActivePMU
TM power management solution,
optimized
for
the
unique
power,
voltage-
sequencing,
and
control
requirements
of
the
Rockchip RK2918 processor.
This device features three step-down DC/DC
converters and four low-noise, low-dropout linear
regulators.
The
three
DC/DC
converters
utilize
a
high-
efficiency, fixed-frequency (2MHz), current-mode
PWM control architecture that requires a minimum
number of external components. Two DC/DCs are
capable of supplying up to 1150mA of output
current, while the third supports up to 1300mA. All
four
low-dropout
linear
regulators
are
high-
performance, low-noise, regulators that support up
to 320mA.
The ACT8891 is available in a compact, Pb-Free
and RoHS-compliant TQFN44-32 package.
SYSTEM BLOCK DIAGRAM
®
Product Brief, 05-Dec-11


Similar Part No. - ACT8891

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8891 ACTIVE-SEMI-ACT8891 Datasheet
497Kb / 30P
Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
ACT8891Q4I133-T ACTIVE-SEMI-ACT8891Q4I133-T Datasheet
497Kb / 30P
Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
ACT8891 ACTIVE-SEMI-ACT8891_14 Datasheet
497Kb / 30P
Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
More results

Similar Description - ACT8891

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8899 ACTIVE-SEMI-ACT8899 Datasheet
78Kb / 2P
Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8931A ACTIVE-SEMI-ACT8931A Datasheet
757Kb / 42P
Advanced PMU for Rockchip RK2928/RK2926 Processors
Rev 3, 29-Nov-12
ACT8939 ACTIVE-SEMI-ACT8939 Datasheet
91Kb / 2P
Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8942 ACTIVE-SEMI-ACT8942 Datasheet
111Kb / 2P
Advanced PMU for Amlogic AML8726-M3 Processor
05-Dec-12
ACT8942QJ133-T ACTIVE-SEMI-ACT8942QJ133-T Datasheet
111Kb / 2P
Advanced PMU for Amlogic AML8726-M3 Processor
05-Dec-12
ACT8891 ACTIVE-SEMI-ACT8891_14 Datasheet
497Kb / 30P
Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
ACT8931A ACTIVE-SEMI-ACT8931A_14 Datasheet
756Kb / 43P
Advanced PMU for Rockchip RK2928/RK2926 Processors
Rev 3, 29-Nov-12
ACT8939 ACTIVE-SEMI-ACT8939_14 Datasheet
98Kb / 3P
Advanced PMU for Freescale i.MX53 Processor
15-Aug-13
ACT8942 ACTIVE-SEMI-ACT8942_14 Datasheet
830Kb / 44P
Advanced PMU for Amlogic AML8726-M3 Processor
Rev 2, 15-Nov-12
ACT8941A ACTIVE-SEMI-ACT8941A Datasheet
757Kb / 42P
Advanced PMU for Rockchip RK2906/RK2918 Processor
Rev 0, 12-Mar-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com