Electronic Components Datasheet Search
  English  ▼

X  

ACT8892 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8892
Description  Advanced Power Management Unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8892 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8892 Datasheet HTML 1Page - Active-Semi, Inc ACT8892 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of NXP.
Product Brief, 05-Dec-12
ACT8892
Advanced Power Management Unit
FEATURES
• Three Step-Down DC/DC Converters
• Four Low-Dropout Linear Regulators
• I2CTM Serial Interface
• Advanced Enable/Disable Sequencing Controller
• Minimal External Components
• Tiny 4×4mm TQFN44-32 Package
− 0.75mm Package Height
− Pb-Free and RoHS Compliant
GENERAL DESCRIPTION
The ACT8892 is a complete, cost effective, highly-
efficient ActivePMU
TM power management solution
that is ideal for a wide range of high performance
portable handheld applications such as tablet or pad
devices.
This device features three step-down DC/DC
converters and four low-noise, low-dropout linear
regulators.
The
three
DC/DC
converters
utilize
a
high-
efficiency, fixed-frequency (2MHz), current-mode
PWM control architecture that requires a minimum
number of external components. Two DC/DCs are
capable of supplying up to 1150mA of output
current, while the third supports up to 1300mA. All
four
low-dropout
linear
regulators
are
high-
performance, low-noise, regulators that supply up to
320mA.
The ACT8892 is available in a compact, Pb-Free
and RoHS-compliant TQFN44-32 package.
TYPICAL APPLICATION DIAGRAM
OUT2
0.6V to 3.9V
Up to 1150mA
OUT5
0.6V to 3.9V
Up to 320mA
System
Control
OUT4
0.6V to 3.9V
Up to 320mA
nPBIN
SCL
VSYS
OUT1
0.6V to 3.9V
Up to 1150mA
PWRHLD
SDA
OUT7
0.6V to 3.9V
Up to 320mA
OUT6
0.6V to 3.9V
Up to 320mA
PWREN
nRSTO
nIRQ
nPBSTAT
ACT8892
REG6
LDO
REG5
LDO
REG4
LDO
REG2
Step-Down
DC/DC
REG1
Step-Down
DC/DC
REG7
LDO
OUT3
0.6V to 3.9V
Up to 1300mA
REG3
Step-Down
DC/DC
VSEL
Battery


Similar Part No. - ACT8892

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892 Datasheet
1Mb / 32P
Advanced Power Management Unit
Rev 3, 28-June-17
ACT8892Q4I134-T ACTIVE-SEMI-ACT8892Q4I134-T Datasheet
1Mb / 32P
Advanced Power Management Unit
Rev 3, 28-June-17
ACT8892Q4I185-T ACTIVE-SEMI-ACT8892Q4I185-T Datasheet
1Mb / 32P
Advanced Power Management Unit
Rev 3, 28-June-17
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
Advanced Power Management Unit
Rev 3, 28-June-17
More results

Similar Description - ACT8892

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
Advanced Power Management Unit
TPS658621A TI-TPS658621A_1 Datasheet
3Mb / 107P
Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
Advanced Power Management Unit
TPS658629-Q1 TI1-TPS658629-Q1 Datasheet
849Kb / 9P
Advanced Power Management Unit
logo
Active-Semi, Inc
ACT8892 ACTIVE-SEMI-ACT8892_17 Datasheet
1Mb / 32P
Advanced Power Management Unit
Rev 3, 28-June-17
logo
Texas Instruments
TPS658621A TI1-TPS658621A_V01 Datasheet
160Kb / 6P
Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
Advanced Power Management Unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com