Electronic Components Datasheet Search
  English  ▼

X  

ACT8899 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT8899
Description  Advanced PMU for Freescale i.MX53 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8899 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT8899 Datasheet HTML 1Page - Active-Semi, Inc ACT8899 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT8899
Product Brief, 05-Dec-11
®
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
ACT8899
REG6
LDO
REG7
LDO
SDA
VP2
GP2
SW2
OUT2
OUT2
VP1
GP1
SW1
OUT1
OUT1
To Battery
OUT7
OUT6
REG5
LDO
OUT5
OUT7
OUT6
OUT5
System
Control
nIRQ
REG4
LDO
OUT4
OUT4
INL45
REFBP
Reference
VP3
GP3
SW3
OUT3
OUT3
GA
EP
To Battery
To Battery
To Battery
nPBSTAT
PWRHLD
PWREN
SCL
VSEL
OUT7
OUT7
nPBIN
PUSH BUTTON
VDDREF
Serial
Interface
nRSTO
OUT7
INL67
To Battery
To Battery
VDDREF
Active-Semi
PRODUCT OPTIONS
Block
Function
Output Voltage
Capability
REG1
Step-Down DC/DC
0.6V to 3.9V
1150mA
REG2
Step-Down DC/DC
1150mA
REG3
Step-Down DC/DC
1300mA
REG4
LDO
0.6V to 3.9V
320mA
REG5
LDO
320mA
REG6
LDO
320mA
REG7
LDO
320mA
0.6V to 3.9V
0.6V to 3.9V
0.6V to 3.9V
0.6V to 3.9V
0.6V to 3.9V
FUNCTIONAL BLOCK DIAGRAM
ACT8899



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com