Electronic Components Datasheet Search
  English  ▼

X  

ACT8934A Datasheet(PDF) 14 Page - Active-Semi, Inc

Part # ACT8934A
Description  Advanced PMU for Samsung S3C2416/S3C2450
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8934A Datasheet(HTML) 14 Page - Active-Semi, Inc

Back Button ACT8934A Datasheet HTML 10Page - Active-Semi, Inc ACT8934A Datasheet HTML 11Page - Active-Semi, Inc ACT8934A Datasheet HTML 12Page - Active-Semi, Inc ACT8934A Datasheet HTML 13Page - Active-Semi, Inc ACT8934A Datasheet HTML 14Page - Active-Semi, Inc ACT8934A Datasheet HTML 15Page - Active-Semi, Inc ACT8934A Datasheet HTML 16Page - Active-Semi, Inc ACT8934A Datasheet HTML 17Page - Active-Semi, Inc ACT8934A Datasheet HTML 18Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
ACT8934A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 14 -
www.active-semi.com
REGISTER AND BIT DESCRIPTIONS CONT’D
OUTPUT
ADDRESS
BIT
NAME
ACCESS
DESCRIPTION
APCH
0x79
[4]
CHGEOCIN
R/W
Charge State Interrupt Control. Set both this bit and
CHGSTAT[ ] to 1 to generate an interrupt when the state
machine goes into the EOC state. See the State Machine
Interrupts
section for more information.
APCH
0x79
[3]
TIMRPRE
R/W
PRECHARGE Time-out Interrupt control. Set both this bit
and TIMRSTAT[ ] to 1 to generate an interrupt when a
PRECHARGE time-out occurs. See the Charge Safety
Timers
section for more information.
APCH
0x79
[2]
TEMPOUT
R/W
Battery Temperature Interrupt Control. Set both this bit and
TEMPSTAT[ ] to 1 to generate an interrupt when the battery
temperature goes out of the valid range. See the Battery
Temperature Monitoring
section for more information.
APCH
0x79
[1]
INDIS
R/W
Input Voltage Interrupt Control. Set both this bit and
INSTAT[ ] to 1 to generate an interrupt when CHGIN input
voltage goes out of the valid range. See the Charge Current
Programming
section for more information.
APCH
0x79
[0]
CHGEOCOUT
R/W
Charge State Interrupt Control. Set both this bit and
CHGSTAT[ ] to 1 to generate an interrupt when the state
machines jumps out of the EOC state. See the State
Machine Interrupts
section for more information.
APCH
0x7A
[7:6]
-
R
Reserved.
APCH
0x7A
[5:4]
CSTATE
R
Charge State. Values indicate the current charging state.
See the State Machine Interrupts section for more
information.
APCH
0x7A
[3:2]
-
R
Reserved.
APCH
0x7A
[1]
ACINSTAT
R
ACIN Status. Indicates the state of the ACIN input, typically
in order to identify the type of input supply connected. Value
is 1 when ACIN is above the 1.2V precision threshold, value
is 0 when ACIN is below this threshold.
APCH
0x7A
[0]
-
R
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com