Electronic Components Datasheet Search
  English  ▼

X  

ACT8942 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8942
Description  Advanced PMU for Amlogic AML8726-M3 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8942 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8942 Datasheet HTML 1Page - Active-Semi, Inc ACT8942 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1 -
www.active-semi.com
I
2CTM is a trademark of NXP.
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
ACT8942
Advanced PMU for Amlogic AML8726-M3 Processor
FEATURES
• Three Step-Down DC/DC Converters
• Four Low-Dropout Linear Regulators
• Integrated ActivePathTM Charger
• I2CTM Serial Interface
• Advanced Enable/Disable Sequencing Controller
• Minimal External Components
• Tiny 5×5mm TQFN55-40 Package
− 0.75mm Package Height
− Pb-Free and RoHS Compliant
GENERAL DESCRIPTION
The ACT8942 is a complete, cost effective, highly-
efficient ActivePMU
TM power management solution,
optimized
for
the
unique
power,
voltage-
sequencing,
and
control
requirements
of
the
Amlogic AML8726-M3 processor. It is ideal for a wide
range
of
high
performance
portable
handheld
applications such as tablet or pad devices. This device
integrates the ActivePath
TM complete battery charging
and management system with seven power supply
channels.
This device features three step-down DC/DC
converters and four low-noise, low-dropout linear
regulators, along with a complete battery charging
solution
featuring
the
advanced
ActivePath
TM
system-power selection function.
The
three
DC/DC
converters
utilize
a
high-
efficiency, fixed-frequency (2MHz), current-mode
PWM control architecture that requires a minimum
number of external components. Two DC/DCs are
capable of supplying up to 1150mA of output
current, while the third supports up to 1300mA. All
four
low-dropout
linear
regulators
are
high-
performance, low-noise regulators that supply up to
80mA, 320mA, 320mA, 320mA, respectively.
The ACT8942 is available in a compact, Pb-Free
and RoHS-compliant TQFN55-40 package.
TYPICAL APPLICATION DIAGRAM
Product Brief, 05-Dec-12


Similar Part No. - ACT8942

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8942 ACTIVE-SEMI-ACT8942 Datasheet
830Kb / 44P
Advanced PMU for Amlogic AML8726-M3 Processor
Rev 2, 15-Nov-12
ACT8942QJ133-T ACTIVE-SEMI-ACT8942QJ133-T Datasheet
111Kb / 2P
Advanced PMU for Amlogic AML8726-M3 Processor
05-Dec-12
ACT8942QJ133-T ACTIVE-SEMI-ACT8942QJ133-T Datasheet
830Kb / 44P
Advanced PMU for Amlogic AML8726-M3 Processor
Rev 2, 15-Nov-12
ACT8942QJ233-T ACTIVE-SEMI-ACT8942QJ233-T Datasheet
830Kb / 44P
Advanced PMU for Amlogic AML8726-M3 Processor
Rev 2, 15-Nov-12
ACT8942 ACTIVE-SEMI-ACT8942_14 Datasheet
830Kb / 44P
Advanced PMU for Amlogic AML8726-M3 Processor
Rev 2, 15-Nov-12
More results

Similar Description - ACT8942

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8862 ACTIVE-SEMI-ACT8862 Datasheet
75Kb / 2P
Advanced PMU for Amlogic AML8726-M3
05-Dec-11
ACT8891 ACTIVE-SEMI-ACT8891 Datasheet
80Kb / 2P
Advanced PMU for Rockchip RK2918 Processor
05-Dec-11
ACT8899 ACTIVE-SEMI-ACT8899 Datasheet
78Kb / 2P
Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8939 ACTIVE-SEMI-ACT8939 Datasheet
91Kb / 2P
Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8942QJ133-T ACTIVE-SEMI-ACT8942QJ133-T Datasheet
111Kb / 2P
Advanced PMU for Amlogic AML8726-M3 Processor
05-Dec-12
ACT8862 ACTIVE-SEMI-ACT8862_14 Datasheet
572Kb / 31P
Advanced PMU for Amlogic AML8726-M3
Rev 1, 04-Sep-13
ACT8891 ACTIVE-SEMI-ACT8891_14 Datasheet
497Kb / 30P
Advanced PMU for Rockchip RK2918 Processor
Rev 1, 06-Sep-13
ACT8939 ACTIVE-SEMI-ACT8939_14 Datasheet
98Kb / 3P
Advanced PMU for Freescale i.MX53 Processor
15-Aug-13
ACT8942 ACTIVE-SEMI-ACT8942_14 Datasheet
830Kb / 44P
Advanced PMU for Amlogic AML8726-M3 Processor
Rev 2, 15-Nov-12
ACT8941A ACTIVE-SEMI-ACT8941A Datasheet
757Kb / 42P
Advanced PMU for Rockchip RK2906/RK2918 Processor
Rev 0, 12-Mar-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com