Electronic Components Datasheet Search
  English  ▼

X  

A3213 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3213
Description  Micropower Ultra-Sensitive Hall-Effect Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3213 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3213 Datasheet HTML 1Page - Allegro MicroSystems A3213 Datasheet HTML 2Page - Allegro MicroSystems A3213 Datasheet HTML 3Page - Allegro MicroSystems A3213 Datasheet HTML 4Page - Allegro MicroSystems A3213 Datasheet HTML 5Page - Allegro MicroSystems A3213 Datasheet HTML 6Page - Allegro MicroSystems A3213 Datasheet HTML 7Page - Allegro MicroSystems A3213 Datasheet HTML 8Page - Allegro MicroSystems A3213 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micropower Ultra-Sensitive Hall-Effect Switches
A3213 and
A3214
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Product Selection Guide
Part Number
Mounting
Packing*
Ambient*, TA
(ºC)
DC
(%)
IDD(AVG)(typ)
(μA)
A3213ELHLT-T
LH package
Surface Mount
7-in. reel
3000 pieces/reel
–40 to 85
25
309
A3213EUA-T
UA package
SIP through hole
Bulk
500 pieces/bag
A3213LUA-T
UA package
SIP through hole
Bulk
500 pieces/bag
–40 to 150
A3214ELHLT-T
LH package
Surface Mount
7-in. reel
3000 pieces/reel
–40 to 85
0.10
6
A3214EUA-T
UA package
SIP through hole
Bulk
500 pieces/bag
*Contact Allegro for additional packing and operating temperature range options
generator, small-signal amplifier, chopper stabilization, a latch,
and a MOSFET output. Advanced BiCMOS processing is used
to take advantage of low-voltage and low-power requirements,
component matching, very low input-offset errors, and small
component geometries.
Devices are rated for operation over a temperature range of
–40°C to 85°C or –40°C to 150°C. Two package styles provide a
magnetically optimized package for most applications. ‘LH’ is a
miniature low-profile surface-mount package, ‘UA’ is a three-lead
SIP for through-hole mounting. Each package is lead (Pb) free
(suffix, –T) , with a 100% matte tin plated leadframe.
Description (continued)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VDD
6V
Magnetic Flux Density
B
Unlimited
G
Output Off Voltage
VOUT
6V
Output Current
IOUT
1mA
Operating Ambient Temperature
TA
Range E
–40 to 85
ºC
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com