Electronic Components Datasheet Search
  English  ▼

X  

ABA3101 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ABA3101
Description  1 GHz Balanced Low Noise Linear Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ABA3101 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ABA3101 Datasheet HTML 1Page - ANADIGICS, Inc ABA3101 Datasheet HTML 2Page - ANADIGICS, Inc ABA3101 Datasheet HTML 3Page - ANADIGICS, Inc ABA3101 Datasheet HTML 4Page - ANADIGICS, Inc ABA3101 Datasheet HTML 5Page - ANADIGICS, Inc ABA3101 Datasheet HTML 6Page - ANADIGICS, Inc ABA3101 Datasheet HTML 7Page - ANADIGICS, Inc ABA3101 Datasheet HTML 8Page - ANADIGICS, Inc ABA3101 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ABA3101
Data Sheet - Rev 2.1
04/2008
table 1: Pin Description
Figure 2: Pin Out
1
2
fB1
GND
rfIN2
IaDJ
rfOUt
GND
GND
GND
GND
8
7
6
5
4
3
16
15
9
10
11
12
13
14
fB2
rfIN2
rfIN1
rfIN1
GND
GND
GND
1
/VDD1
rfOUt2/VDD2
PIN
NAME
DESCRIPtION
PIN
NAME
DESCRIPtION
1
FB1
Feedback for Amplifier A1
9
IADJ
Current Adjust
2
RFIN1
RF Input of Amplifier A1
10
GND
Ground
3
RFIN1
RF Input of Amplifier A1
11
RFOUT2/VDD2
RF Output and VDD of Amplifier A2
4
GND
Ground
12
GND
Ground
5
GND
Ground
13
GND
Ground
6
RFIN2
RF Input of Amplifier A2
14
RFOUT1/VDD1 RF Output and VDD of Amplifier A1
7
RFIN2
RF Input of Amplifier A2
15
GND
Ground
8
FB2
Feedback for Amplifier A2
16
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com