Electronic Components Datasheet Search
  English  ▼

X  

AD5260 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5260
Description  8-Bit Dual Nonvolatile Memory Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5260 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5260 Datasheet HTML 12Page - Analog Devices AD5260 Datasheet HTML 13Page - Analog Devices AD5260 Datasheet HTML 14Page - Analog Devices AD5260 Datasheet HTML 15Page - Analog Devices AD5260 Datasheet HTML 16Page - Analog Devices AD5260 Datasheet HTML 17Page - Analog Devices AD5260 Datasheet HTML 18Page - Analog Devices AD5260 Datasheet HTML 19Page - Analog Devices AD5260 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
REV. 0
AD5232
–19–
Number
Resolution Power
of VRs
Terminal
Interface Nominal
(Number
Supply
Part
per
Voltage
Data
Resistance
of Wiper
Current
Number Package Range (V)
Control
(k )
Positions)
(IDD)( A) Packages
Comments
AD5201
1
±3, +5.5
3-wire
10, 50
33
40
µSOIC-10
Full ac Specs, Dual
Supply, Pwr-On-Reset,
Low Cost
AD5220
1
5.5
UP/
10, 50, 100
128
40
PDIP, SO-8,
No Rollover,
DOWN
µSOIC-8
Pwr-On-Reset
AD7376
1
±15 , +28
3-wire
10, 50, 100, 1000 128
100
PDIP-14,
Single 28 V
SOL-16,
or Dual
±15 V
TSSOP-14
Supply Operation
AD5200
1
±3 , +5.5
3-wire
10, 50
256
40
µSOIC-10
Full ac Specs,
Dual Supply,
Pwr-On-Reset
AD8400
1
5.5
3-wire
1, 10, 50, 100
256
5
SO-8
Full ac Specs
AD5260
1
±5, +15
3-wire
20, 50, 200
256
60
TSSOP-14
+5 V to +15 V or
±5 V
Operation,
TC < 50 ppm/
°C
AD5241
1
±3, +5.5
2-wire
10, 100, 1000
256
50
SO-14,
I2C Compatible,
TSSOP-14
TC < 50 ppm/
°C
AD5231
1
±2.75, +5.5
3-wire
10, 50, 100
1024
10
TSSOP-16
Nonvolatile Memory,
Direct Program, I/D,
±6 dB Settability
AD5222
2
±3, +5.5
UP/
10, 50, 100, 1000 128
80
SO-14,
No Rollover, Stereo,
DOWN
TSSOP-14
Pwr-On-Reset,
TC < 50 ppm/
°C
AD8402
2
5.5
3-wire
1, 10, 50, 100
256
5
PDIP, SO-14,
Full ac Specs, nA
TSSOP-14
Shutdown Current
AD5207
2
±3, +5.5
3-wire
10, 50, 100
256
40
TSSOP-14
Full ac Specs, Dual
Supply, Pwr-On-
Reset, SDO
AD5232
2
±2.75, +5.5
3-wire
10, 50, 100
256
10
TSSOP-16
Nonvolatile Memory,
Direct Program, I/D,
±6 dB Settability
AD5235
* 2
±2.75, +5.5
3-wire
25, 250
1024
20
TSSOP-16
Nonvolatile Memory,
Direct Program,
TC < 50 ppm/
°C
AD5242
2
±3, +5.5
2-wire
10, 100, 1000
256
50
SO-16,
I
2C Compatible,
TSSOP-16
TC < 50 ppm/
°C
AD5262
* 2
±5, +15
3-wire
20, 50, 200
256
60
TSSOP-16
+5 V to +15 V or
±5 V
Operation,
TC < 50 ppm/
°C
AD5203
4
5.5
3-wire
10, 100
64
5
PDIP, SOL-24, Full ac Specs, nA
TSSOP-24
Shutdown Current
AD5233
4
±2.75, +5.5
3-wire
10, 50, 100
64
10
TSSOP-16
Nonvolatile Memory,
Direct Program,
I/D,
±6 dB Settability
AD5204
4
±3, +5.5
3-wire
10, 50, 100
256
60
PDIP, SOL-24, Full ac Specs,
TSSOP-24
Dual Supply,
Pwr-On-Reset
AD8403
4
5.5
3-wire
1, 10, 50, 100
256
5
PDIP, SOL-24, Full ac Specs, nA
TSSOP-24
Shutdown Current
AD5206
6
±3, +5.5
3-wire
10, 50, 100
256
60
PDIP, SOL-24, Full ac Specs,
TSSOP-24
Dual Supply,
Pwr-On-Reset
*Future Product, consult factory for latest status.
Latest Digital Potentiometer Information located at: www.analog.com/DigitalPotentiometers
DIGITAL POTENTIOMETER FAMILY SELECTION GUIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com