Electronic Components Datasheet Search
  English  ▼

X  

ACA2402 Datasheet(PDF) 13 Page - ANADIGICS, Inc

Part # ACA2402
Description  750/870/1000 MHz CATV Push-Pull Line Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2402 Datasheet(HTML) 13 Page - ANADIGICS, Inc

Back Button ACA2402 Datasheet HTML 5Page - ANADIGICS, Inc ACA2402 Datasheet HTML 6Page - ANADIGICS, Inc ACA2402 Datasheet HTML 7Page - ANADIGICS, Inc ACA2402 Datasheet HTML 8Page - ANADIGICS, Inc ACA2402 Datasheet HTML 9Page - ANADIGICS, Inc ACA2402 Datasheet HTML 10Page - ANADIGICS, Inc ACA2402 Datasheet HTML 11Page - ANADIGICS, Inc ACA2402 Datasheet HTML 12Page - ANADIGICS, Inc ACA2402 Datasheet HTML 13Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product
in any such application without written consent is prohibited.
IMPORTANT NOTICE
ANADIGICS, Inc.
141 Mount Bethel Road
Warren, New Jersey 07059, U.S.A.
Tel: +1 (908) 668-5000
Fax: +1 (908) 668-5132
URL: http://www.anadigics.com
E-mail: Mktg@anadigics.com
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice.
The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to
change prior to a product’s formal introduction. Information in Data Sheets have been carefully checked and are assumed
to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to
verify that the information they are using is current before placing orders.
Data Sheet - Rev 2.2
12/2008
13
ACA2402
ORDERING INFORMATION
ORDER NUMBER
TEMPERATURE
RANGE
PACKAGE
DESCRIPTION
COMPONENT PACKAGING
ACA2402S7TR
-40 to 110 oC
16 Pin Wide Body
SOIC with Heat Slug
1,500 piece tape and reel
ACA2402RS7P2
-40 to 110 oC
RoHS-Compliant
16 Pin Wide Body
SOIC with Heat Slug
1,500 piece tape and reel
ACA2402S7P0
-40 to 110 oC
16 Pin Wide Body
SOIC with Heat Slug
Plastic tubes (50 pieces per tube)
ACA2402RS7P0
-40 to 110 oC
RoHS-Compliant
16 Pin Wide Body
SOIC with Heat Slug
Plastic tubes (50 pieces per tube)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com