Electronic Components Datasheet Search
  English  ▼

X  

AD5204 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5204
Description  2-Channel, 256-Position Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5204 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5204 Datasheet HTML 3Page - Analog Devices AD5204 Datasheet HTML 4Page - Analog Devices AD5204 Datasheet HTML 5Page - Analog Devices AD5204 Datasheet HTML 6Page - Analog Devices AD5204 Datasheet HTML 7Page - Analog Devices AD5204 Datasheet HTML 8Page - Analog Devices AD5204 Datasheet HTML 9Page - Analog Devices AD5204 Datasheet HTML 10Page - Analog Devices AD5204 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. 0
AD5207
–7–
FREQUENCY – Hz
–54
1k
10k
100k
1M
–48
–42
–36
–30
–24
–18
–12
–6
0
–60
DATA = 80H
DATA = 40H
DATA = 20H
DATA = 10H
DATA = 08H
DATA = 04H
DATA = 02H
DATA = 01H
VDD = +2.7V
VSS = –2.7V
VA = 100mV rms
TA = 25 C
VA
OP42
TPC 13. 50 k
Ω Gain vs. Frequency vs. Code
FREQUENCY – Hz
–54
1k
10k
100k
1M
–48
–42
–36
–30
–24
–18
–12
–6
0
–60
DATA = 01H
DATA = 02H
DATA = 04H
DATA = 08H
DATA = 10H
DATA = 20H
DATA = 40H
DATA = 80H
VDD = +2.7V
VSS = –2.7V
VA = 100mV rms
TA = 25 C
VA
OP42
TPC 14. 100 k
Ω Gain vs. Frequency vs. Code
FREQUENCY – Hz
–12
1k
10k
100k
1M
–10
–8
–6
–4
–2
0
2
4
6
10k
50k
VDD = 2.7V
VSS = 0V
VA = 100mV rms
DATA = 80H
TA = 25 C
2.7V
1.5V
OP42
6
–14
100k
TPC 15. –3 dB Bandwidth
FREQUENCY – Hz
–5.99
10k
100k
100
1k
–6.00
–6.01
–6.02
–6.03
–6.04
–6.05
–6.06
–6.07
–6.08
–6.09
100k
VDD = +2.7V
VSS = –2.7V
VA = 100mV rms
DATA = 80H
TA = 25 C
VA
OP42
VB = 0V
10k
50k
TPC 16. Normalized Gain Flatness vs. Frequency
TPC 17. One Position Step Change at Half Scale
TPC 18. Large Signal Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com