Electronic Components Datasheet Search
  English  ▼

X  

AD53042 Datasheet(PDF) 1 Page - Analog Devices

Part # AD53042
Description  High Speed Window Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53042 Datasheet(HTML) 1 Page - Analog Devices

  AD53042 Datasheet HTML 1Page - Analog Devices AD53042 Datasheet HTML 2Page - Analog Devices AD53042 Datasheet HTML 3Page - Analog Devices AD53042 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD53042
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
High Speed Window Comparator
FUNCTIONAL BLOCK DIAGRAM
LATCH/OUTPUT
A
LEA LEA NC +VS NC GND
AD53042
LEB LEB NC
–VS
NC
GND
GND
GND
GND
VA
NC
VIN
NC
VB
GND
GND
QA
QA
DGND
QB
QB
GND
NOTE:
NOT THE ACTUAL PHYSICAL LAYOUT OF DEVICE.
NC = NO CONNECTION INSIDE PACKAGE.
LATCH/OUTPUT
B
FEATURES
–2 V to +7 V Input Voltage Range
Low VIN Bias Current (<100 nA)
Up to 5 V/ns Input Signal Tracking
Low Dispersion of
100 ps
28-Lead PLCC Package
APPLICATIONS
Automatic Test Equipment
Semiconductor Test Systems
Board Test Systems
PRODUCT DESCRIPTION
The AD53042 is an ultrahigh speed window comparator
with latch. It uses a high speed monolithic process to provide
high dc accuracy without sacrificing input voltage range.
On-chip connection of the common input eliminates the
contributions of a second bonding pad and package pin to
the input capacitance, resulting in a maximum input
capacitance of 2 pF.
The AD53042 employs a high precision differential input
stage with a common mode range of 9 V. Its complementary
digital outputs are fully ECL-compatible. The output stage is
capable of driving a 50
Ω line terminated to –2 V. The device
also provides a latch function, allowing operation in track-hold
mode and can also be used to generate hysteresis.
2.8V
0.2V
3.0V
0V
0V
3.0V
MIN. POSITIVE
INPUT PULSE
MIN. NEGATIVE
INPUT PULSE
Figure 1. Typical Application Circuit


Similar Part No. - AD53042

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53042 AD-AD53042_15 Datasheet
74Kb / 4P
High Speed Window Comparator
REV. A
More results

Similar Description - AD53042

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1317 AD-AD1317 Datasheet
286Kb / 12P
Ultrahigh Speed Window Comparator with Latch
REV.A
logo
Linear Technology
LTC1042 LINER-LTC1042 Datasheet
576Kb / 8P
Window Comparator
logo
Intersil Corporation
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
Window 8ns High-Speed Comparator
January 17, 2002
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
Window 4ns High-Speed Comparator
January 18, 2002
logo
Linear Technology
LT685 LINER-LT685_1 Datasheet
99Kb / 8P
High Speed Comparator
LTC1042 LINER-LTC1042_09 Datasheet
172Kb / 8P
Window Comparator
logo
Hittite Microwave Corpo...
HMC974LC3C HITTITE-HMC974LC3C Datasheet
542Kb / 8P
10 GHz, HIGH SPEED WINDOW COMPARATOR
logo
Analog Devices
AD53042 AD-AD53042_15 Datasheet
74Kb / 4P
High Speed Window Comparator
REV. A
logo
Linear Technology
LTC1042 LINER-LTC1042_15 Datasheet
123Kb / 8P
Window Comparator
logo
Analog Devices
HMC974LC3C AD-HMC974LC3C Datasheet
350Kb / 12P
High Speed, 10 GHz Window Comparator
4/2018-Rev. D to Rev. E
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com