Electronic Components Datasheet Search
  English  ▼

X  

ACA2788P9 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ACA2788P9
Description  1 GHz, 28 dB Gain CATV Power Doubler Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2788P9 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ACA2788P9 Datasheet HTML 1Page - ANADIGICS, Inc ACA2788P9 Datasheet HTML 2Page - ANADIGICS, Inc ACA2788P9 Datasheet HTML 3Page - ANADIGICS, Inc ACA2788P9 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PRELIMINARY DATA SHEET - Rev 1.0
11/2012
ACA2788
Table 2: Absolute Minimum and Maxium Ratings
Table 4: Electrical Characteristics
(Test condition: 40 to 1000 GHz, TMB = 308C, 75 V loading)
Notes:
(1) 79 analog NTSC channels to 550 MHz + 75 digital QAM channels (at -6 dB offset) with 15.5 dB tilt referenced to +55
dBmV output power at 1GHz.
(2) 79 analog NTSC channels with flat output of +44 dBmV @ 550 MHz plus 53 digital channels to -6 dB offset to 1GHz.
Table 3: Operating Ranges
Symbol
Min
Typ
Max
Unit
Conditions
RF Frequency-
40
-
1000
MHz
Symbol
Min
Typ
Max
Unit
Conditions
Power Gain
GP
27
28
29
dB
f = 1 GHz
Slope cable equivalent
SL
-
1.5
-
dB
47 MHz to 1 GHz
Gain Flatness
-
-
±0.5
-
dB
47 MHz to 1 GHz (peak to
valley)
Input Return Loss
S11
-
-
-
-
-20
-17
dB
40 - 500 MHz
500 - 1000 MHz
Output Return Loss
S22
-
-
-
-
-19
-17
dB
40 - 500 MHz
500 - 1000 MHz
CTB
-
-
-
-
-70
-70
-65
-
dBc
See Note 1
See Note 2
CSO
-
-
-
-
-70
-70
-65
-
dBc
See Note 1
See Note 2
Noise Figure
-
-
3.5
5.0
dB
Supply Current
-
-
430
445
mA
Symbol
Min
Typ
Max
Unit
Conditions
Supply VoltageVDD
-+24
+28VDC
RF Power at inputs
--
-+70
dBmV single tone
Operating mounting Base temperatureTMB
-20-
+100
C
Storage TemperatureTSTG
-40+100
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com