Electronic Components Datasheet Search
  English  ▼

X  

ACA3742 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ACA3742
Description  870 MHz, 21 dB Gain CATV Power Doubler Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA3742 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ACA3742 Datasheet HTML 1Page - ANADIGICS, Inc ACA3742 Datasheet HTML 2Page - ANADIGICS, Inc ACA3742 Datasheet HTML 3Page - ANADIGICS, Inc ACA3742 Datasheet HTML 4Page - ANADIGICS, Inc ACA3742 Datasheet HTML 5Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PRELIMINARY DATA SHEET - Rev 1.0
12/2010
ACA3742
Table 2: Absolute Minimum and Maxium Ratings
Table 4: Electrical Characteristics
(Test condition: 40 to 870 MHz, TMB = 308C, 75 V loading, see note 1)
Note:
1. 79 flat NTSC analog channels at +48 dBmV/Ch output power, plus 52 flat NTSC analog channels at 38 dBmV/Ch.
2. Deviation (peak-to-valley) from best fit line between 40 MHz and 870 MHz.
Table 3: Operating Ranges
Symbol
Min
Typ
Max
Unit
Conditions
Supply Voltage
VDD
-
+24
+28
VDC
RF Power at inputs
-
-
-
+70
dBmV single tone
Operating mounting Base temperature
TMB
-20
-
+100
8
C
Storage Temperature
TSTG
-40
+100
8
C
Symbol
Min
Typ
Max
Unit
Conditions
RF Frequency
-
40
-
870
MHz
Symbol Min
Typ
Max
Unit
Conditions
Power Gain
GP
19.5
21
22.0
dB
Slope cable equivalent
SL
-
0.4
-
dB
Gain Flatness
FL
-
0.2
-
dB
See Note 2
Input Return Loss
S11
-
-
-
-
-20
-17
dB
45 MHz to 100 MHz
100 MHz to 870 MHz
Output Return Loss
S22
-
-
-
-
-20
-17
dB
45 MHz to 100 MHz
100 MHz to 870 MHz
CTB
-
-
-73
-68
dBc See Note 1
CSO
-
-
-76
-68
dBc See Note 1
XMOD
-
-
-68
-
dBc See Note 1
Noise Figure
-
-
3.5
5.0
dB
Supply Current
-
410
430
445
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com